Electronic Components Datasheet Search
  English  ▼

X  

1095819 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1095819
Description  SAC-8P-M12MS/15,0-680 FDP - Sensor/actuator cable
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1095819 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1095819 Datasheet HTML 1Page - PHOENIX CONTACT 1095819 Datasheet HTML 2Page - PHOENIX CONTACT 1095819 Datasheet HTML 3Page - PHOENIX CONTACT 1095819 Datasheet HTML 4Page - PHOENIX CONTACT 1095819 Datasheet HTML 5Page - PHOENIX CONTACT 1095819 Datasheet HTML 6Page - PHOENIX CONTACT 1095819 Datasheet HTML 7Page - PHOENIX CONTACT 1095819 Datasheet HTML 8Page - PHOENIX CONTACT 1095819 Datasheet HTML 9Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Sensor/actuator cable, 8-position, PVC, gray, shielded (Plastic-coated aluminum foil connection
with a drain wire), Plug straight M12, coding: A, on free cable end, cable length: 15 m, Foil
shielding plus drain wire
Commercial data
Item number
1095819
Packing unit
1 pc
Note
Made to order (non-returnable)
Sales key
BF13
Product key
BF1IED
GTIN
4055626927701
Weight per piece (including packing)
22.22 g
Weight per piece (excluding packing)
22.22 g
Country of origin
US
SAC-8P-M12MS/15,0-680 FDP - Sensor/actuator cable
1095819
https://www.phoenixcontact.com/us/products/1095819
Mar 8, 2024, 4:04 AM
Page 1 (9)


Similar Part No. - 1095819

ManufacturerPart #DatasheetDescription
logo
ERNI Electronics
109581 ERNI-109581 Datasheet
43Kb / 1P
MiniMez Male with Ejector SMT Blindmate
logo
PHOENIX CONTACT
1095810 PHOENIX-1095810 Datasheet
275Kb / 9P
SAC-8P-M12MS/20,0-680 FDP - Sensor/actuator cable
1095812 PHOENIX-1095812 Datasheet
1Mb / 13P
SAC-5P-M12MS/1,5-680/M12FS FDP - Sensor/actuator cable
1095813 PHOENIX-1095813 Datasheet
416Kb / 13P
SAC-5P-M12MR/10,0-680 FDP - Sensor/actuator cable
1095814 PHOENIX-1095814 Datasheet
408Kb / 13P
SAC-5P-M12MS/15,0-680 FDP - Sensor/actuator cable
More results

Similar Description - 1095819

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1095802 PHOENIX-1095802 Datasheet
492Kb / 9P
Sensor/actuator cable - SAC-8P- 2,0-680/M12FS FDN
01/13/2022
1095806 PHOENIX-1095806 Datasheet
1Mb / 8P
Sensor/actuator cable - SAC-5P-M12MS/5,0-680/M12FS FDP
01/13/2022
1095994 PHOENIX-1095994 Datasheet
409Kb / 6P
Sensor/actuator cable - SAC-3P-M8MR/ 5,0-680 FDP
01/13/2022
1415716 PHOENIX-1415716 Datasheet
153Kb / 11P
Sensor/actuator cable - SAC-8P-M12MS/ 1,5-PVC
09/11/2020
1528879 PHOENIX-1528879 Datasheet
107Kb / 5P
Sensor/actuator cable - SAC-8P-15,0-PUR/M12FS
12/06/2018
1522529 PHOENIX-1522529 Datasheet
556Kb / 17P
Sensor/actuator cable - SAC-8P-M12MS/10,0-PUR
Sep 29, 2022
1095799 PHOENIX-1095799 Datasheet
443Kb / 16P
SAC-8P-15,0-680/M12FS FDN - Sensor/actuator cable
1095801 PHOENIX-1095801 Datasheet
443Kb / 16P
SAC-8P- 5,0-680/M12FS FDN - Sensor/actuator cable
1095836 PHOENIX-1095836 Datasheet
1Mb / 13P
SAC-5P-M12MS/10,0-680/M12FS FDP - Sensor/actuator cable
1095839 PHOENIX-1095839 Datasheet
406Kb / 12P
SAC-5P-M12MS/ 2,0-680 FDP - Sensor/actuator cable
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com