Electronic Components Datasheet Search
  English  ▼

X  

EVAL-AD7764EBZ Datasheet(PDF) 4 Page - Analog Devices

Part # EVAL-AD7764EBZ
Description  24-Bit, 312 kSPS, 109 dB 誇-? ADC with On-Chip Buffers and Serial Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-AD7764EBZ Datasheet(HTML) 4 Page - Analog Devices

  EVAL-AD7764EBZ Datasheet HTML 1Page - Analog Devices EVAL-AD7764EBZ Datasheet HTML 2Page - Analog Devices EVAL-AD7764EBZ Datasheet HTML 3Page - Analog Devices EVAL-AD7764EBZ Datasheet HTML 4Page - Analog Devices EVAL-AD7764EBZ Datasheet HTML 5Page - Analog Devices EVAL-AD7764EBZ Datasheet HTML 6Page - Analog Devices EVAL-AD7764EBZ Datasheet HTML 7Page - Analog Devices EVAL-AD7764EBZ Datasheet HTML 8Page - Analog Devices EVAL-AD7764EBZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
AD7764
Rev. 0 | Page 4 of 32
Parameter
Test Conditions/Comments
Specification
Unit
Decimate 64×
Normal Power Mode
MCLK = 40 MHz, ODR = 312.5 kHz, fIN = 1 kHz sine wave
Modulator inputs shorted
109
dB typ
105
dB min
Dynamic Range
Differential amplifier inputs shorted
107.3
dB typ
104
dB typ
Signal-to-Noise Ratio (SNR)2
102.7
dB min
Spurious-Free Dynamic Range (SFDR)
Nonharmonic
130
dBFS typ
Input amplitude = −0.5 dB
−105
dB typ
Total Harmonic Distortion (THD)
Input amplitude = −6 dB
−103
dB typ
Input amplitude = −6 dB, fIN A = 100.3 kHz, fIN B = 97.3 kHz
Second-order terms
−118
dB
Intermodulation Distortion (IMD)
Third-order terms
−108
dB
Low Power Mode
106
dB typ
Modulator inputs shorted
105
dB min
Dynamic Range
Differential amplifier inputs shorted
105.3
Signal-to-Noise Ratio (SNR)2
Input amplitude = −0.5 dB
103
dB typ
102
dB min
Spurious-Free Dynamic Range (SFDR)
Nonharmonic
110
dBFS typ
Input amplitude = −0.5 dB
−105
dB typ
−111
dB typ
Total Harmonic Distortion (THD)
Input amplitude = −6 dB
−100
dB max
DC ACCURACY
Resolution
Guaranteed monotonic to 24 bits
24
Bits
Normal power mode
0.0036
% typ
Integral Nonlinearity
Low power mode
0.0014
% typ
Normal power mode
0.006
% typ
0.03
% max
Including on-chip amplifier
0.04
% typ
Low power mode
0.002
% typ
Zero Error
0.024
% max
0.018
% typ
Gain Error
Including on-chip amplifier
0.04
% typ
Zero Error Drift
0.00006
%FS/°C typ
Gain Error Drift
0.00005
%FS/°C typ
DIGITAL FILTER CHARACTERISTICS
Pass-Band Ripple
0.1
dB typ
Pass Band3
−1 dB frequency
ODR × 0.4016
kHz
−3 dB Bandwidth3
ODR × 0.4096
kHz
Stop Band3
Beginning of stop band
ODR × 0.5
kHz
Decimate 64× and decimate 128× modes
−120
dB typ
Stop-Band Attenuation
Decimate 256×
−115
dB typ
Group Delay
Decimate 64×
MCLK = 40 MHz
89
μs typ
Decimate 128×
MCLK = 40 MHz
177
μs typ
Decimate 256×
MCLK = 40 MHz
358
μs typ
ANALOG INPUT
Differential Input Voltage
Modulator input pins: VIN(+) − VIN(−), VREF+ = 4.096 V
±3.2768
V p-p
Input Capacitance
At on-chip differential amplifier inputs
5
pF typ
At modulator inputs
29
pF typ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com