Electronic Components Datasheet Search
  English  ▼

X  

1405835 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 1405835
Description  SAC-3P-M 8FR SH BK/.../... - Sensor/actuator cable
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1405835 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  1405835 Datasheet HTML 1Page - PHOENIX CONTACT 1405835 Datasheet HTML 2Page - PHOENIX CONTACT 1405835 Datasheet HTML 3Page - PHOENIX CONTACT 1405835 Datasheet HTML 4Page - PHOENIX CONTACT 1405835 Datasheet HTML 5Page - PHOENIX CONTACT 1405835 Datasheet HTML 6Page - PHOENIX CONTACT 1405835 Datasheet HTML 7Page - PHOENIX CONTACT 1405835 Datasheet HTML 8Page - PHOENIX CONTACT 1405835 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Connection 1
Type
free cable end
Connection 2
Type
Socket angled M8
Number of positions
3
Coding type
A
Cable/line
Cable length
Free input (0.2 ... 40.0 m)
PUR halogen-free black [PUR]
Cable weight
26 kg/km
UL AWM Style
20549
Number of positions
3
Shielded
yes
PUR halogen-free black [PUR]
Cable type
PUR halogen-free black PUR
Conductor structure signal line
32x 0.10 mm
AWG signal line
24
Conductor cross section
3x 0.25 mm² (Signal line)
Wire diameter incl. insulation
1.17 mm ±0.02 mm (Signal line)
External cable diameter
4.35 mm ±0.2 mm
Outer sheath, material
PUR
External sheath, color
black-gray RAL 7021
Conductor material
Bare Cu litz wires
Material wire insulation
PP
Single wire, color
brown, blue, black
≥ 0.21 mm (Core insulation)
Thickness, insulation
≥ 0.50 mm (Outer cable sheath)
Overall twist
3 wires, twisted
Shielding
Braided copper wires
Optical shield covering
80 %
Max. conductor resistance
max. 79 Ω/km
Insulation resistance
≥ 100 GΩ*km
Nominal voltage, cable
300 V
Test voltage
3000 V
Smallest bending radius, fixed installation
22 mm
Smallest bending radius, movable installation
44 mm
Max. bending cycles
10000000
Halogen-free
in accordance with DIN VDE 0472 part 815
in accordance with UL 758/1581 FT2
Flame resistance
DIN EN 60332-2-2 (20 s)
Resistance to oil
in accordance with DIN EN 60811-2-1
SAC-3P-M 8FR SH BK/.../... - Sensor/actuator cable
1405835
https://www.phoenixcontact.com/us/products/1405835
Mar 7, 2024, 7:10 AM
Page 3 (20)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com