Electronic Components Datasheet Search
  English  ▼

X  

AD8153 Datasheet(PDF) 11 Page - Analog Devices

Part # AD8153
Description  3.2 Gbps Single Buffered Mux/Demux Switch
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8153 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD8153 Datasheet HTML 7Page - Analog Devices AD8153 Datasheet HTML 8Page - Analog Devices AD8153 Datasheet HTML 9Page - Analog Devices AD8153 Datasheet HTML 10Page - Analog Devices AD8153 Datasheet HTML 11Page - Analog Devices AD8153 Datasheet HTML 12Page - Analog Devices AD8153 Datasheet HTML 13Page - Analog Devices AD8153 Datasheet HTML 14Page - Analog Devices AD8153 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
AD8153
Rev. 0 | Page 11 of 24
80
70
60
50
40
30
20
10
0
3.0
3.1
3.2
3.3
3.4
3.5
3.6
VCC (V)
DETERMINISTIC JITTER
RANDOM JITTER
Figure 23. Jitter vs. Core Supply Voltage
–40
–20
0
20
40
60
80
100
TEMPERATURE (°C)
DETERMINISTIC JITTER
RANDOM JITTER
80
70
60
50
40
30
20
10
0
Figure 24. Jitter vs. Temperature
700
600
650
550
500
3.0
3.1
3.2
3.3
3.4
VCC (V)
3.5
3.6
Figure 25. Propagation Delay vs. Core Supply Voltage
DETERMINISTIC JITTER
RANDOM JITTER
80
70
60
50
40
30
20
10
0
2
2.2
2.4
2.6
2.8
3.0
3.2
3.4
3.6
VTTO (V)
Figure 26. Jitter vs. Output Termination Voltage
100
95
90
85
80
75
–40
–20
0
20
40
60
80
100
TEMPERATURE (°C)
Figure 27. Rise/Fall Time vs. Temperature
–40
–20
0
20
40
60
80
100
TEMPERATURE (°C)
700
600
650
550
500
Figure 28. Propagation Delay vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com