Electronic Components Datasheet Search
  English  ▼

X  

1551927 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1551927
Description  SAC-6P-M 8MS-M 8FS/.../... - Sensor/actuator cable
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1551927 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1551927 Datasheet HTML 1Page - PHOENIX CONTACT 1551927 Datasheet HTML 2Page - PHOENIX CONTACT 1551927 Datasheet HTML 3Page - PHOENIX CONTACT 1551927 Datasheet HTML 4Page - PHOENIX CONTACT 1551927 Datasheet HTML 5Page - PHOENIX CONTACT 1551927 Datasheet HTML 6Page - PHOENIX CONTACT 1551927 Datasheet HTML 7Page - PHOENIX CONTACT 1551927 Datasheet HTML 8Page - PHOENIX CONTACT 1551927 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Sensor/actuator cable, 6-position, Plug straight M8, coding: A, on Socket straight M8, cable
length: Free input (0.2 ... 40.0 m)
Your advantages
Easy and safe: 100 % electrically tested plug-in components
•
Commercial data
Item number
1551927
Packing unit
1 pc
Minimum order quantity
1 pc
Note
Made to order (non-returnable)
Sales key
BF17
Product key
BF1BGA
Catalog page
Page 205 (C-2-2019)
Customs tariff number
85444290
Country of origin
PL
SAC-6P-M 8MS-M 8FS/.../... - Sensor/actuator cable
1551927
https://www.phoenixcontact.com/us/products/1551927
Mar 7, 2024, 7:04 AM
Page 1 (14)


Similar Part No. - 1551927

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1551920-1 MACOM-1551920-1 Datasheet
4Mb / 6P
Quick Reference Guide
1551920-2 MACOM-1551920-2 Datasheet
528Kb / 2P
z-Quad Small Form-factor Pluggable Plus (zQSFP) Interconnect System
logo
TE Connectivity Ltd
1551920-2 TEC-1551920-2 Datasheet
3Mb / 10P
QSFP28/56 and zQSFP Interconnects
More results

Similar Description - 1551927

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1404705 PHOENIX-1404705 Datasheet
121Kb / 6P
Sensor/Actuator cable - SAC-3P-M 8MS/0,6-PVC/M 8FS BL 1404705
1404706 PHOENIX-1404706 Datasheet
121Kb / 6P
Sensor/Actuator cable - SAC-3P-M 8MS/1,0-PVC/M 8FS B-L - 1404706
1404721 PHOENIX-1404721 Datasheet
127Kb / 7P
Sensor/Actuator cable - SAC-4P-M 8MS/0,6-PVC/M 8FS BL- 1404721
1404722 PHOENIX-1404722 Datasheet
126Kb / 7P
Sensor/Actuator cable - SAC-4P-M 8MS/1,0-PVC/M 8FS B-L - 1404722
1455298 PHOENIX-1455298 Datasheet
131Kb / 11P
Sensor/actuator cable - SAC-3P-M 8MS/ 3,0-PUR/M 8FS SH
09/11/2020
1455311 PHOENIX-1455311 Datasheet
73Kb / 4P
Sensor/actuator cable - SAC-3P-M 8MS/15,0-PUR/M 8FS SH
12/05/2018
1456323 PHOENIX-1456323 Datasheet
130Kb / 10P
Sensor/actuator cable - SAC-3P-M 8MS/ 0,6-PUR/M 8FS SH
09/11/2020
1549939 PHOENIX-1549939 Datasheet
102Kb / 4P
Sensor/actuator cable - SAC-3P-M 8MS/ 0,6-PUR/4P-M 8FS
12/06/2018
1562495 PHOENIX-1562495 Datasheet
106Kb / 5P
Sensor/actuator cable - SAC-4P-M 8MS/0,15-PUR/M 8FS
12/06/2018
1696978 PHOENIX-1696978 Datasheet
102Kb / 5P
Sensor/actuator cable - SAC-3P-M 8MS/ 1,0-PUR/M 8FS
12/07/2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com