Electronic Components Datasheet Search
  English  ▼

X  

AD8176 Datasheet(PDF) 4 Page - Analog Devices

Part # AD8176
Description  475 MHz, Triple 16 횞 9 Video Crosspoint Switch
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8176 Datasheet(HTML) 4 Page - Analog Devices

  AD8176 Datasheet HTML 1Page - Analog Devices AD8176 Datasheet HTML 2Page - Analog Devices AD8176 Datasheet HTML 3Page - Analog Devices AD8176 Datasheet HTML 4Page - Analog Devices AD8176 Datasheet HTML 5Page - Analog Devices AD8176 Datasheet HTML 6Page - Analog Devices AD8176 Datasheet HTML 7Page - Analog Devices AD8176 Datasheet HTML 8Page - Analog Devices AD8176 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
AD8176
Preliminary Technical Data
Rev. PrA | Page 4 of 32
Parameter
Conditions
Min
Typ
Max
Unit
SWITCHING CHARACTERISTICS
Enable On Time
50% update to 1% settling
TBD
ns
Switching Time, 2 V Step
50% settling
TBD
ns
Switching Transient (Glitch)
Differential
TBD
mV p-p
POWER SUPPLIES
Supply Current
VPOS, outputs enabled, no load
600
mA
Outputs disabled
290
mA
VNEG, outputs enabled, no load
600
mA
Outputs disabled
290
mA
DVDD, outputs enabled, no load
4
mA
Supply Voltage Range
4.5 to 5.5
V
PSRR
ΔVOUT, DM/ΔVPOS, ΔVPOS = ±0.5 V
−55
dB
ΔVOUT, DM/ΔVNEG, ΔVNEG = ±0.5 V
−55
dB
OPERATING TEMPERATURE RANGE
Temperature Range
Operating (still air)
−40 to +85
°C
θJA
Operating (still air)
15
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com