Electronic Components Datasheet Search
  English  ▼

X  

SD05LC Datasheet(PDF) 1 Page - SMC Diode Solutions Co. LTD

Part # SD05LC
Description  TVS ARRAY
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD

SD05LC Datasheet(HTML) 1 Page - SMC Diode Solutions Co. LTD

  SD05LC Datasheet HTML 1Page - SMC Diode Solutions Co. LTD SD05LC Datasheet HTML 2Page - SMC Diode Solutions Co. LTD SD05LC Datasheet HTML 3Page - SMC Diode Solutions Co. LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Technical Data
Data Sheet N2248, Rev. C
China - Germany - Korea - Singapore - United States 
http://www.smc-diodes.com - sales@ smc-diodes.com 
SD03LC THRU SD24LC
SD03LC THRU SD24LC TVS ARRAY
Features
Schematic & Pin Configuration
Application
Maximum Ratings@TA=25°C unless otherwise specified
Parameter
Symbol
Value
Units
Peak Pulse Power (tp=8/20μs)
Ppp
350
W
Operating Temperature
TJ
-55 to 150
°
C
Storage Temperature
TSTG
-55 to 150
°
C
Electrical Characteristics@TA=25°C unless otherwise specified
Part Name
Marking
Code
Stand-off
Voltage
Vwm
(v)
Max
Breakdown
Voltage
VBR
@1mA
(V)
Min
Clamping
Voltage
Vc
@ 1 A
(V)
Max
Clamping
Voltage
Vc
@ IPP
(V)
Max
Peak Pulse
Current
(tp=8/20us)
IPP(A)
Leakage
Current
Ir
@Vwm
(uA)
Max
Capacitance
(f=1MHz)
@0V
(pF)
Max
SD03LC
03LC
3.3
4
7
19
20
5
8
SD05LC
05LC
5
6
9.8
18.3
17
5
8
SD08LC
08LC
8
8.5
13.4
18.5
17
2
8
SD12LC
12LC
12
13.3
19
28.6
11
1
8
SD15LC
15LC
15
16.7
24
31.8
10
1
8
SD18LC
18LC
18
20
29
45
8
1
8
SD24LC
24LC
24
26
43
56
6
1
8
Protects 3.3, 5, 8, 12, 15, 18, 24V Components
350 Watts Peak Pulse Power per Line (tp = 8/20µs)
Unidirectional Configurations
Replacement for MLV (0805)
Protects One Power or I/O Port
Low Clamping Voltage
Terminals finish: 100% Pure Tin
“-A” is an AEC-Q101 qualified device
This is a Pb-free Device
All SMC parts are traceable to the wafer lot
Additional testing can be offered upon request
SOD-323
Ethernet - 10/100/1000 Base T
Cellular Phones
Handheld - Wireless Systems
Personnal Digital Assistant (PDA)
USB Interface
Pagers peripherals


Similar Part No. - SD05LC

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
SD05L LEIDITECH-SD05L Datasheet
312Kb / 3P
BIDIRECTIONAL TVS DIODE
More results

Similar Description - SD05LC

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
824014 WURTH-824014 Datasheet
242Kb / 5P
TVS Diode Array WE-TVS
82401444 WURTH-82401444 Datasheet
242Kb / 5P
TVS Diode Array WE-TVS
824011 WURTH-824011 Datasheet
235Kb / 5P
TVS Diode Array WE-TVS
824022 WURTH-824022 Datasheet
229Kb / 5P
TVS Diode Array WE-TVS
8240116 WURTH-8240116 Datasheet
236Kb / 5P
TVS Diode Array WE-TVS
82400102 WURTH-82400102 Datasheet
241Kb / 5P
TVS Diode Array WE-TVS
82400152 WURTH-82400152 Datasheet
236Kb / 5P
TVS Diode Array WE-TVS
82402304 WURTH-82402304 Datasheet
234Kb / 5P
TVS Diode Array WE-TVS
82402374 WURTH-82402374 Datasheet
229Kb / 5P
TVS Diode Array WE-TVS
logo
Yea Shin Technology Co....
YSDA0502C YEASHIN-YSDA0502C Datasheet
786Kb / 3P
TVS ARRAY
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com