Electronic Components Datasheet Search
  English  ▼

X  

AD8251ARMZ Datasheet(PDF) 9 Page - Analog Devices

Part # AD8251ARMZ
Description  10 MHz, 20 V/關s, G = 1, 2, 4, 8 i CMOS짰 Programmable Gain Instrumentation Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8251ARMZ Datasheet(HTML) 9 Page - Analog Devices

Back Button AD8251ARMZ Datasheet HTML 5Page - Analog Devices AD8251ARMZ Datasheet HTML 6Page - Analog Devices AD8251ARMZ Datasheet HTML 7Page - Analog Devices AD8251ARMZ Datasheet HTML 8Page - Analog Devices AD8251ARMZ Datasheet HTML 9Page - Analog Devices AD8251ARMZ Datasheet HTML 10Page - Analog Devices AD8251ARMZ Datasheet HTML 11Page - Analog Devices AD8251ARMZ Datasheet HTML 12Page - Analog Devices AD8251ARMZ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
AD8251
Rev. 0 | Page 9 of 24
1s/DIV
1.25µV/DIV
Figure 12. 0.1 Hz to 10 Hz RTI Voltage Noise, G = 8
18
0
1
100k
FREQUENCY (Hz)
10
100
1k
10k
16
14
12
10
8
6
4
2
Figure 13. Current Noise Spectral Density vs. Frequency
1s/DIV
140pA/DIV
Figure 14. 0.1 Hz to 10 Hz Current Noise
150
130
110
90
50
70
10
10
1M
FREQUENCY (Hz)
100
1k
10k
100k
30
G = 1
G = 8
G = 2
G = 4
Figure 15. Positive PSRR vs. Frequency, RTI
150
110
130
90
70
30
10
50
10
1M
FREQUENCY (Hz)
100
1k
10k
100k
G= 1
G= 2
G= 4
G= 8
Figure 16. Negative PSRR vs. Frequency, RTI
20
–10
–60
140
TEMPERATURE (ºC)
15
10
5
0
–5
–40
–20
0
20
40
60
80
120
100
IB–
IOS
IB+
Figure 17. Input Bias Current and Offset Current vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com