Electronic Components Datasheet Search
  English  ▼

X  

LM5080 Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM5080
Description  Modular Current Sharing Controller
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM5080 Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button LM5080 Datasheet HTML 4Page - National Semiconductor (TI) LM5080 Datasheet HTML 5Page - National Semiconductor (TI) LM5080 Datasheet HTML 6Page - National Semiconductor (TI) LM5080 Datasheet HTML 7Page - National Semiconductor (TI) LM5080 Datasheet HTML 8Page - National Semiconductor (TI) LM5080 Datasheet HTML 9Page - National Semiconductor (TI) LM5080 Datasheet HTML 10Page - National Semiconductor (TI) LM5080 Datasheet HTML 11Page - National Semiconductor (TI) LM5080 Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Reference Adjustment Operation
Mode (Continued)
voltage reference and feedback divider which do not require
a fast response. In some systems a small resistor (RTRO) in
series with CTRO can improve stability by introducing a zero
at high frequencies to increase the phase margin of the
current share loop.
It is essential that the VCC pins of all LM5080’s be tied to the
same point in this mode. Any mismatch in the VCC voltages
between LM5080’s will significantly contribute to current
share errors. The current sense resistors should be located
as close to the load as possible to minimize trace resistance
in series with the sense resistors which can also contribute
to sharing errors. In this mode, the best accuracy will be
achieved with lower VCC values since any mismatch in the
gain resistors internal to the LM5080 will affect the current
share accuracy.
The effective output current from the TRO pin can be multi-
plied to increase the current share loop gain if necessary. R1
should be at least 10k
Ω.
20157804
FIGURE 1. Reference Adjust Mode Implementation
20157805
FIGURE 2. LM5080 Showing the RSO Buffer Configured to Boost Transconductance
www.national.com
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com