Electronic Components Datasheet Search
  English  ▼

X  

SMDJ Datasheet(PDF) 2 Page - SMC Diode Solutions Co. LTD

Part # SMDJ
Description  SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD

SMDJ Datasheet(HTML) 2 Page - SMC Diode Solutions Co. LTD

  SMDJ Datasheet HTML 1Page - SMC Diode Solutions Co. LTD SMDJ Datasheet HTML 2Page - SMC Diode Solutions Co. LTD SMDJ Datasheet HTML 3Page - SMC Diode Solutions Co. LTD SMDJ Datasheet HTML 4Page - SMC Diode Solutions Co. LTD SMDJ Datasheet HTML 5Page - SMC Diode Solutions Co. LTD SMDJ Datasheet HTML 6Page - SMC Diode Solutions Co. LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Technical Data
Data Sheet N1696, Rev. A
China - Germany - Korea - Singapore - United States 
http://www.smc-diodes.com - sales@ smc-diodes.com 
SMDJ SERIES
UNI-POLAR
BI-POLAR
DEVICE
MARKING
CODE
REVERSE
STAND-OFF
VOLTAGE
VRWM (V)
BREAKDO
WN
VOLTAGE
VBR (V)
MIN.
@IT
BREAKD
OWN
VOLTAG
E VBR
(V) MAX.
@IT
TEST
CURR
ENT
IT(MA
)
MAXMUM
CLAMPING
VOLTAGE
@IPP
VC(V)
PEAK
PULSE
CURR
ENT
IPP(A)
REVERSE
LEAKAGE
@VRWM
IR(uA)
UNI
BI
SMDJ5.0A
SMDJ5.0CA
RDE
DDE
5
6.4
7
10
9.2
326.1
800
SMDJ6.0A
SMDJ6.0CA
RDG
DDG
6
6.67
7.37
10
10.3
291.3
800
SMDJ6.5A
SMDJ6.5CA
RDK
DDK
6.5
7.22
7.98
10
11.2
267.9
500
SMDJ7.0A
SMDJ7.0CA
PDM
DDM
7
7.78
8.6
10
12
250
200
SMDJ7.5A
SMDJ7.5CA
PDP
DDP
7.5
8.33
9.21
1
12.9
232.6
100
SMDJ8.0A
SMDJ8.0CA
PDR
DDR
8
8.89
9.83
1
13.6
220.6
50
SMDJ8.5A
SMDJ8.5CA
PDT
DDT
8.5
9.44
10.4
1
14.4
208.3
20
SMDJ9.0A
SMDJ9.0CA
PDV
DDV
9
10
11.1
1
15.4
194.8
10
SMDJ10A
SMDJ10CA
PDX
DDX
10
11.1
12.3
1
17
176.5
5
SMDJ11A
SMDJ11CA
PDZ
DDZ
11
12.2
13.5
1
18.2
164.8
2
SMDJ12A
SMDJ12CA
PEE
DEE
12
13.3
14.7
1
19.9
150.8
2
SMDJ13A
SMDJ13CA
PEG
DEG
13
14.4
15.9
1
21.5
139.5
2
SMDJ14A
SMDJ14CA
PEK
DEK
14
15.6
17.2
1
23.2
129.3
2
SMDJ15A
SMDJ15CA
PEM
DEM
15
16.7
18.5
1
24.4
123
2
SMDJ16A
SMDJ16CA
PEP
DEP
16
17.8
19.7
1
26
115.4
2
SMDJ17A
SMDJ17CA
PER
DER
17
18.9
20.9
1
27.6
108.7
2
SMDJ18A
SMDJ18CA
PET
DET
18
20
22.1
1
29.2
102.7
2
SMDJ20A
SMDJ20CA
PEV
DEV
20
22.2
24.5
1
32.4
92.6
2
SMDJ22A
SMDJ22CA
PEX
DEX
22
24.4
26.9
1
35.5
84.5
2
SMDJ24A
SMDJ24CA
PEZ
DEZ
24
26.7
29.5
1
38.9
77.1
2
SMDJ26A
SMDJ26CA
PFE
DFE
26
28.9
31.9
1
42.1
71.3
2
SMDJ28A
SMDJ28CA
PFG
DFG
28
31.1
34.4
1
45.4
66.1
2
SMDJ30A
SMDJ30CA
PFK
DFK
30
33.3
36.8
1
48.4
62
2
SMDJ33A
SMDJ33CA
PFM
DFM
33
36.7
40.6
1
53.3
56.3
2
SMDJ36A
SMDJ36CA
PFP
DFP
36
40
44.2
1
58.1
51.6
2
SMDJ40A
SMDJ40CA
PFR
DFR
40
44.4
49.1
1
64.5
46.5
2
SMDJ43A
SMDJ43CA
PFT
DFT
43
47.8
52.8
1
69.4
43.2
2
SMDJ45A
SMDJ45CA
PFV
DFV
45
50
55.3
1
72.7
41.3
2
SMDJ48A
SMDJ48CA
PFX
DFX
48
53.3
58.9
1
77.4
38.8
2
SMDJ51A
SMDJ51CA
PFZ
DFZ
51
56.7
62.7
1
82.4
36.4
2
SMDJ54A
SMDJ54CA
PGE
DGE
54
60
66.3
1
87.1
34.4
2
SMDJ58A
SMDJ58CA
PGG
DGG
58
64.4
71.2
1
93.6
32.1
2
SMDJ60A
SMDJ60CA
PGK
DGK
60
66.7
73.7
1
96.8
31
2
SMDJ64A
SMDJ64CA
PGM
DGM
64
71.1
78.6
1
103
29.1
2
SMDJ70A
SMDJ70CA
PGP
DGP
70
77.8
86
1
113
26.5
2
SMDJ75A
SMDJ75CA
PGR
DGR
75
83.3
92.1
1
121
24.8
2
SMDJ78A
SMDJ78CA
PGT
DGT
78
86.7
95.8
1
126
23.8
2
SMDJ85A
SMDJ85CA
PGV
DGV
85
94.4
104
1
137
21.9
2
SMDJ90A
SMDJ90CA
PGX
DGX
90
100
111
1
146
20.5
2
SMDJ100A
SMDJ100CA
PGZ
DGZ
100
111
123
1
162
18.5
2
SMDJ110A
SMDJ110CA
PHE
DHE
110
122
135
1
177
16.9
2
SMDJ120A
SMDJ120CA
PHG
DHG
120
133
147
1
193
15.5
2
SMDJ130A
SMDJ130CA
PHK
DHK
130
144
159
1
209
14.4
2
SMDJ150A
SMDJ150CA
PHM
DHM
150
167
185
1
243
12.3
2
SMDJ160A
SMDJ160CA
PHP
DHP
160
178
197
1
259
11.6
2
SMDJ170A
SMDJ170CA
PHR
DHR
170
189
209
1
275
10.9
2
Electrical Characteristics@TA=25°C unless otherwise specified



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com