Electronic Components Datasheet Search
  English  ▼

X  

LM5080MMX Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM5080MMX
Description  Modular Current Sharing Controller
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM5080MMX Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM5080MMX Datasheet HTML 1Page - National Semiconductor (TI) LM5080MMX Datasheet HTML 2Page - National Semiconductor (TI) LM5080MMX Datasheet HTML 3Page - National Semiconductor (TI) LM5080MMX Datasheet HTML 4Page - National Semiconductor (TI) LM5080MMX Datasheet HTML 5Page - National Semiconductor (TI) LM5080MMX Datasheet HTML 6Page - National Semiconductor (TI) LM5080MMX Datasheet HTML 7Page - National Semiconductor (TI) LM5080MMX Datasheet HTML 8Page - National Semiconductor (TI) LM5080MMX Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
V
CC to GND
-0.3V to 15V
RSO to GND (Note 2)
-0.3V to 5V
All other pins to GND
-0.3V to 5V
ESD Rating (Note 3)
Human Body Model
2kV
Storage Temperature
-55˚C to +150˚C
Junction Temperature
150˚C
Operating Ratings (Note 1)
VCC to GND
3V to 14 V
Operating Junction Temperature
-40˚C to +125˚C
Electrical Characteristics Limits in standard type are for T
J = 25˚C only; limits in boldface type apply over
the junction temperature range of –40˚C to +125˚C and are provided for reference only. Unless otherwise specified, the fol-
lowing conditions apply: CSM = 0, VCC = 5V, RSO unloaded.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
ICC
VCC Quiescent Current
RSO shorted to CSO
CSP=50mV
CTRO = 10nF
3.7
5.5
mA
CSP Input open circuit voltage ratio
Specified as a percentage of VCC
19
20
21
%
CSP mode threshold ratio- Rising
Specified as a percentage of VCC
8.5
10.5
12.5
%
CSP mode threshold ratio - Falling
Specified as a percentage of VCC
7.0
9.5
11
%
Current Share Amplifier
VIO
Input Offset Voltage (RSO-CSP)
RSO shorted to CSO
CSP=50mV
CTRO = 10nF
-2.5
-3.5
0
2.5
3.5
mV
RSO shorted to CSO
CSP = 600 mV
CTRO = 10nF, VCC = 3V
-1
-2
01
2
mV
CSM
MAX
Input Common Mode Voltage
Range
CSP-CSM=50mV
RSO shorted to CSO
CSO-CSP < 1mV
CTRO=10nF
VCC-2V
V
CSM
MIN
0V
GM
TRO
Current Share Amplifier
Transconductance
GM
TRO =
∆ITRO / ∆VSHR
CTRO=10nF
8.7
mA/V
I
TRO_SRC
TRO sourcing current limit
TRO = 500 mV
CSO open, CSP = 1.1V
9
11
14
µA
I
TRO_SINK
TRO sinking current limit
TRO = 500 mV
CSO open, CSP=0.9V
8.2
11
13.5
µA
I
TRO_OS
TRO offset current
TRO = 750 mV
CSP, CSO Open Circuit
–1
0
1
µA
V
TRO_MIN
TRO Output Range
CSP, CSO, SHA open circuit
ITRO_OS < 500 nA
450
mV
V
TRO_MAX
2.75
V
RSO Buffer
VIO
RSO
RSO Buffer Input offset Voltage
Offset = TRO-RSO, TR0 = 750 mV
CSO, CSP open circuit
-4
0
4
mV
I
LIMSRC
RSO source current limit
18
26
35
mA
I
LIMSNK
RSO sink current limit
18
26
35
mA
VOL
RSO
RSO output low voltage
CSP = 0V, Sinking 10 mA
12
28
mV
Thermal Resistance
θ
JA
Junction to Ambient
MSOP-8 Package
190
˚C/W
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com