Electronic Components Datasheet Search
  English  ▼

X  

AT2.4G Datasheet(PDF) 4 Page - Yuechung International Corp.

Part # AT2.4G
Description  2.4GHz External Antenna
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YIC [Yuechung International Corp.]
Direct Link  https://www.yic.com.tw/en/home-en/
Logo YIC - Yuechung International Corp.

AT2.4G Datasheet(HTML) 4 Page - Yuechung International Corp.

  AT2.4G Datasheet HTML 1Page - Yuechung International Corp. AT2.4G Datasheet HTML 2Page - Yuechung International Corp. AT2.4G Datasheet HTML 3Page - Yuechung International Corp. AT2.4G Datasheet HTML 4Page - Yuechung International Corp. AT2.4G Datasheet HTML 5Page - Yuechung International Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
YUECHUNG INTERNATIONAL CORP.
4
URL:http://www.yic.com.tw
E-mail: service@yic.com.tw
Y
YI
IC
C
AT2.4G Series
4. Antenna - Radiation Pattern Test Data
Frequency
2400
2440
2450
2500
TRP (dBm)
-1.13
-1.24
-1.21
-1.15
Peak EIRP (dBm)
4.81
4.73
4.76
4.62
NHPRP +/- 45 (degree)
-1.47
-1.6
-1.55
-1.45
NHPRP +/- 30 (degree)
-1.92
-2.07
-2
-1.97
E-Theta Peak Gain (dBi)
-10.95
-12.14
-12.07
-11.65
E-Phi Peak Gain (dBi)
4.78
4.7
4.73
4.58
E-Total Peak Gain (dBi)
4.81
4.73
4.76
4.62
Directivity (dBi)
5.94
5.98
5.98
5.78
Efficiency (%)
77.08
75.12
75.61
76.66



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com