Electronic Components Datasheet Search
  English  ▼

X  

AT2.4G Datasheet(PDF) 4 Page - Yuechung International Corp.

Part # AT2.4G
Description  2.4GHz External Antenna
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YIC [Yuechung International Corp.]
Direct Link  https://www.yic.com.tw/en/home-en/
Logo YIC - Yuechung International Corp.

AT2.4G Datasheet(HTML) 4 Page - Yuechung International Corp.

  AT2.4G Datasheet HTML 1Page - Yuechung International Corp. AT2.4G Datasheet HTML 2Page - Yuechung International Corp. AT2.4G Datasheet HTML 3Page - Yuechung International Corp. AT2.4G Datasheet HTML 4Page - Yuechung International Corp. AT2.4G Datasheet HTML 5Page - Yuechung International Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
YUECHUNG INTERNATIONAL CORP.
4
URL:http://www.yic.com.tw
E-mail: service@yic.com.tw
Y
YI
IC
C
AT2.4G Series
4. Antenna - Radiation Pattern Test Data
XY
XZ
YZ
Frequency
2400
2450
2500
TRP (dBm)
-0.85
-1.03
-0.71
Peak EIRP (dBm)
4.22
4.14
4.41
NHPRP +/- 45 (degree)
-1.46
-1.69
-1.28
NHPRP +/- 30 (degree)
-2.02
-2.3
-1.99
E-Theta Peak Gain (dBi)
-10.67
-9.48
-11.57
E-Phi Peak Gain (dBi)
4.2
4.14
4.41
E-Total Peak Gain (dBi)
4.22
4.14
4.41
Directivity (dBi)
5.07
5.17
5.12
Efficiency (%)
82.22
78.85
84.93
2400MHZ
2450MHZ
2500MHZ



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com