Electronic Components Datasheet Search
  English  ▼

X  

B80K150 Datasheet(PDF) 6 Page - EPCOS

Part # B80K150
Description  Block Varistors HighE Series
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B80K150 Datasheet(HTML) 6 Page - EPCOS

  B80K150 Datasheet HTML 1Page - EPCOS B80K150 Datasheet HTML 2Page - EPCOS B80K150 Datasheet HTML 3Page - EPCOS B80K150 Datasheet HTML 4Page - EPCOS B80K150 Datasheet HTML 5Page - EPCOS B80K150 Datasheet HTML 6Page - EPCOS B80K150 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
226 04/02
Dimensions
SIOV-B32/-B40
SIOV-B60
SIOV-B80
Weight
Size
approx.
B32
45 g
B40
50 g
B60
250 g
B80
650 g
Dimensions in mm
VAR0298-B
50 1
96±1
M5
ø7±0,2
115±0,8
135±1
1,0
1,5
27±0,5
27,7±0,5
_
+0,2
7 0,5
_
HighE Series
Block Varistors



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com