Electronic Components Datasheet Search
  English  ▼

X  

24LC41 Datasheet(PDF) 4 Page - Microchip Technology

Part # 24LC41
Description  1K/4K 2.5V Dual Mode, Dual Port I2C??Serial EEPROM
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24LC41 Datasheet(HTML) 4 Page - Microchip Technology

  24LC41 Datasheet HTML 1Page - Microchip Technology 24LC41 Datasheet HTML 2Page - Microchip Technology 24LC41 Datasheet HTML 3Page - Microchip Technology 24LC41 Datasheet HTML 4Page - Microchip Technology 24LC41 Datasheet HTML 5Page - Microchip Technology 24LC41 Datasheet HTML 6Page - Microchip Technology 24LC41 Datasheet HTML 7Page - Microchip Technology 24LC41 Datasheet HTML 8Page - Microchip Technology 24LC41 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
24LC41
DS21140F-page 4
 2004 Microchip Technology Inc.
2.0
FUNCTIONAL DESCRIPTION
2.1
DDC Monitor Port
The DDC Monitor Port operates in two modes, the
Transmit-only mode and the Bidirectional mode. There
is a separate 2-wire protocol to support each mode,
each having a separate clock input and sharing a
common data line (DSDA). The device enters the
Transmit-only mode upon power-up. In this mode, the
device transmits data bits on the DSDA pin in response
to a clock signal on the VCLK/DWP pin. The device will
remain in this mode until a valid high-to-low transition is
placed on the DSCL input. When a valid transition on
DSCL is recognized, the device will switch into the
Bidirectional mode. The only way to switch the device
back to the Transmit-only mode is to remove power
from the device.
2.2
Transmit-Only Mode
The device will power-up in the Transmit-only mode.
This mode supports a unidirectional 2-wire protocol for
transmission of the contents of the memory array. This
device requires that it be initialized prior to valid data
being sent in the Transmit-only mode (Section 2.3
“Initialization Procedure”).
In this mode, data is
transmitted on the DSDA pin in 8-bit bytes, each
followed by a ninth, null bit (Figure 2-1). The clock
source for the Transmit-only mode is provided on the
VCLK/DWP pin, and a data bit is output on the rising
edge on this pin. The eight bits in each byte are trans-
mitted by Most Significant bit first. Each byte within the
memory array will be output in sequence. When the last
byte in the memory array is transmitted, the output will
wrap around to the first location and continue. The
Bidirectional mode Clock (DSCL) pin must be held high
for the device to remain in the Transmit-only mode.
2.3
Initialization Procedure
After VCC has stabilized, the device will be in the
Transmit-only mode. Nine clock cycles on the VCLK/
DWP pin must be given to the device for it to perform
internal sychronization. During this period, the DSDA
pin will be in a high-impedance state. On the rising
edge of the tenth clock cycle, the device will output the
first valid data bit which will be the Most Significant bit
of a byte. The device will power-up at an indeterminate
byte address (Figure 2-2).
FIGURE 2-1:
TRANSMIT-ONLY MODE
FIGURE 2-2:
DEVICE INITIALIZATION
DSCL
DSDA
VCLK/DWP
TVAA
TVAA
Bit 1 (LSB)
Null Bit
Bit 1 (MSB)
Bit 7
TVLOW
TVHIGH
TVAA
TVAA
Bit 8
Bit 7
High-impedance for 9 clock cycles
TVPU
12
89
10
11
SCL
SDA
VCLK/DWP
VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com