Electronic Components Datasheet Search
  English  ▼

X  

1387LP Datasheet(PDF) 1 Page - Belden Inc.

Part # 1387LP
Description  Lighting & Automation, 1 Pair 22 AWG, 2 Conductor 18 AWG, CMP
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

1387LP Datasheet(HTML) 1 Page - Belden Inc.

  1387LP Datasheet HTML 1Page - Belden Inc. 1387LP Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: 1387LP
Lighting & Automation, 1 Pair 22 AWG, 2 Conductor 18 AWG, CMP
Product Description
Lighting & Automation Cable, 1 (data) pair 22 AWG stranded (7x30) bare copper, FEP insulation, Beldfoil® shield with drain, and 2 conductor 18 AWG
stranded (19x30) bare copper unshielded, FEP insulation (power), CMP rated PVDF jacket
Technical Specifications
Product Overview
Suitable Applications:
Multi-Media & Lighting Automation / Control, Lutron® Sivoia® QS System, Motor Drive Unit
Construction Details
Conductor
Element
No. of Elements
Size
Stranding
Material
Pair(s)
1
22 AWG 7x30
BC - Bare Copper
Conductor(s) 2
18 AWG 19x30
BC - Bare Copper
Insulation
Element
Material
Nom. Thickness
Nom. Insulation Diameter
Color Code
Pair(s)
FEP - Fluorinated Ethylene Propylene 0.015 in (0.38 mm) 0.066 in (1.7 mm)
Purple & White
Conductor(s) FEP - Fluorinated Ethylene Propylene 0.011 in (0.28 mm) 0.058 in (1.5 mm)
Red & Black
Inner Shield
Shield Type
Material
Coverage
Drainwire Type
Tape
Bi-Laminate (Alum+Poly) 100%
24 AWG (7x32) TC
Outer Shield
Material
No Shield
Outer Jacket
Material
Nom. Thickness
Nom. Diameter
PVDF - Polyvinylidene Fluoride 0.017 in (0.43 mm) 0.228 in (5.79 mm)
Overall Cable Diameter (Nominal):
0.228 in (5.79 mm)
Electrical Characteristics
Electricals
Element
Nom. Conductor DCR
Nom. Inner Shield DCR
Nom. Capacitance Cond-to-Cond
Max. Current
Pair(s)
17.2 Ohm/1000ft
17.42 Ohm/1000ft (57.15 Ohm/km) 21.2 pF/ft (69.6 pF/m)
34 Amps per conductor @ 30°C
Conductor(s)
6.9 Ohm/1000ft (23
Ohm/km)
17 Amps per conductor @ 30°C
Voltage
UL Voltage Rating
300 V
Mechanical Characteristics


Similar Part No. - 1387LP

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
1387LA BELDEN-1387LA Datasheet
161Kb / 3P
Lighting & Automation, 2 Conductor 18 AWG 1 Pair 22 AWG, CL3
12-22-2023
1387LA-204500 BELDEN-1387LA-204500 Datasheet
161Kb / 3P
Lighting & Automation, 2 Conductor 18 AWG 1 Pair 22 AWG, CL3
12-22-2023
More results

Similar Description - 1387LP

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
6300UE BELDEN-6300UE Datasheet
265Kb / 2P
Security & Sound, 2 Conductor 18 AWG BC, CMP
7825P BELDEN-7825P Datasheet
146Kb / 2P
SMPTE Electrical Camera Breakout Cable, 2 Conductor 16 AWG, 2 Conductor 22 AWG, CMP
11-09-2022
6500PE BELDEN-6500PE Datasheet
144Kb / 2P
Security & Sound, 2 Conductor 22 AWG, TC, CMP
05-01-2023
6501FH BELDEN-6501FH Datasheet
143Kb / 2P
Security & Sound, 3 Conductor 22 AWG, TC, CMP
12-20-2022
6502UH BELDEN-6502UH Datasheet
142Kb / 2P
Security & Sound, 4 Conductor 22 AWG, TC, CMP
12-20-2022
1863A BELDEN-1863A Datasheet
157Kb / 2P
Speaker Cable, 2 Conductor 18 AWG BC, Unshielded, CMP
12-19-2022
6341PC BELDEN-6341PC Datasheet
144Kb / 2P
Security & Sound, 2 Conductor 18 AWG, BC, Individually Shielded, CMP
04-28-2023
6500FE BELDEN-6500FE Datasheet
202Kb / 2P
Security & Sound, 2 Conductor 22 AWG, BC, Shielded, CMP
04-13-2023
6300FE BELDEN-6300FE Datasheet
148Kb / 2P
Security & Sound, 2 Conductor 18 AWG, BC, Shielded, CMP
04-13-2023
6500UE BELDEN-6500UE Datasheet
142Kb / 2P
Security & Sound, 2 Conductor 22 AWG, BC, CMP
05-01-2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com