Electronic Components Datasheet Search
  English  ▼

X  

2285P Datasheet(PDF) 1 Page - Belden Inc.

Part # 2285P
Description  Light Dimmer Cable, 2 Conductor 18 AWG BC, CMP
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

2285P Datasheet(HTML) 1 Page - Belden Inc.

  2285P Datasheet HTML 1Page - Belden Inc. 2285P Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: 2285P
Light Dimmer Cable, 2 Conductor 18 AWG BC, CMP
Product Description
Light Dimmer Cable, 2 Conductor 18 AWG solid bare copper conductors with Flamarrest® insulation, CMP rating, Flamarrest® Low Smoke PVC jacket with
ripcord.
Technical Specifications
Product Overview
Suitable Applications:
Ballast Wiring and Connection, Addressable Fire Systems, Data Circuits, Monitor/Detection, Control Circuits, Initiating Circuits, Notification Circuits
Construction Details
Conductor
Element
No. of Elements
Size
Stranding
Material
Conductor(s) 2
18 AWG Solid
BC - Bare Copper
Insulation
Element
Material
Nom. Thickness
Nom. Insulation Diameter Color Code
Conductor(s) PVC - Polyvinyl Chloride 0.010 in (0.25 mm) 0.0605 in (1.54 mm)
Violet, Gray
Outer Shield
Material
No Shield
Outer Jacket
Material
Nom. Thickness
Nom. Diameter Ripcord
PVC - Polyvinyl Chloride 0.015 in (0.38 mm) 0.147 in
Yes
Overall Cable Diameter (Nominal): 0.147 in
Electrical Characteristics
Electricals
Nom. Conductor DCR
Max. Current
6.4 Ohm/1000ft
5 Amps per Conductor at 25ºC
Voltage
UL Voltage Rating
300 V
Mechanical Characteristics
Temperature
UL Temperature
Operating
75°C
-20°C To +75°C
Bend Radius
Stationary Min.
Installation Min.
1.47 in (37.3 mm) 1.47 in


Similar Part No. - 2285P

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2285 ETC2-2285 Datasheet
68Kb / 1P
WASHERS
logo
Keystone Electronics Co...
2285 KEYSTONE-2285 Datasheet
423Kb / 1P
WASHERS
31-07 20th
logo
TE Connectivity Ltd
228502-1 TEC-228502-1 Datasheet
574Kb / 12P
Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools
228505-1 TEC-228505-1 Datasheet
574Kb / 12P
Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools
228507-1 TEC-228507-1 Datasheet
574Kb / 12P
Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools
More results

Similar Description - 2285P

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
6300UE BELDEN-6300UE Datasheet
265Kb / 2P
Security & Sound, 2 Conductor 18 AWG BC, CMP
1861A BELDEN-1861A Datasheet
157Kb / 2P
Speaker Cable, 2 Conductor 14 AWG BC, Unshielded, CMP
12-19-2022
6301FE BELDEN-6301FE Datasheet
146Kb / 2P
Security & Sound, 3 Conductor 18 AWG, BC, Shielded, CMP
04-13-2023
1860A BELDEN-1860A Datasheet
157Kb / 2P
Speaker Cable, 2 Conductor 12 AWG BC, Unshielded, CMP
12-19-2022
6301UE BELDEN-6301UE Datasheet
176Kb / 2P
Security & Sound, 3 Conductor 18 AWG BC, CMP
04-28-2023
1863A BELDEN-1863A Datasheet
157Kb / 2P
Speaker Cable, 2 Conductor 18 AWG BC, Unshielded, CMP
12-19-2022
6341PC BELDEN-6341PC Datasheet
144Kb / 2P
Security & Sound, 2 Conductor 18 AWG, BC, Individually Shielded, CMP
04-28-2023
1862A BELDEN-1862A Datasheet
157Kb / 2P
Speaker Cable, 2 Conductor 16 AWG BC, Unshielded, CMP
12-20-2022
6300FE BELDEN-6300FE Datasheet
148Kb / 2P
Security & Sound, 2 Conductor 18 AWG, BC, Shielded, CMP
04-13-2023
6500UE BELDEN-6500UE Datasheet
142Kb / 2P
Security & Sound, 2 Conductor 22 AWG, BC, CMP
05-01-2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com