Electronic Components Datasheet Search
  English  ▼

X  

4G4SY Datasheet(PDF) 1 Page - Belden Inc.

Part # 4G4SY
Description  MachFlex™ 350SY, 3C1G 4 mm² Str BC, PVC Ins, PVC Inner Jkt, GSW Brd,PVC Outer Jkt
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

4G4SY Datasheet(HTML) 1 Page - Belden Inc.

  4G4SY Datasheet HTML 1Page - Belden Inc. 4G4SY Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: 4G4SY
MachFlex™ 350SY, 3C+1G 4 mm² Str BC, PVC Ins, PVC Inner Jkt, GSW Brd,
PVC Outer Jkt
Product Description
MachFlex™ 350SY VDE Certified, 3 Conductor + 1 Ground 4 mm² Stranded Bare Copper, PVC Insulation, PVC Inner Jacket, Galvanized Steel Wire Braid,
PVC Outer Jacket Control Cable
Technical Specifications
Product Overview
Suitable Applications:
Application for occasional flexing or fixed installation connecting precision control sensors, multi axis control machines, temperature controllers, control panels, machine cutting
tools, auxiliary equipment, motor speed control, production machinery and many morein hash industrial environment.
Construction Details
Conductor
Element
No. of Elements
Size
Stranding Stranding Class
Material
Conductor(s) 3
4 mm² Stranded
Class 5
BC - Bare Copper
Ground
1
4 mm² Stranded
Class 5
BC - Bare Copper
Insulation
Element
Material
Color Code
Conductor(s) PVC - Polyvinyl Chloride Black #1, Black #2, Black #3
Ground
PVC - Polyvinyl Chloride Yellow/Green
Inner Jacket
Material
PVC - Polyvinyl Chloride
Armor
Armor Type & Material
SWB - Steel Wire Braid Armor
Outer Jacket
Material
PVC - Polyvinyl Chloride
Overall Cable Diameter
(Nominal):
13.9 mm (0.547 in)
Electrical Characteristics
Voltage
Voltage Rating
300 / 500 V (Max. Operating Voltage)
Mechanical Characteristics
Temperature
Operating
Installation
-15°C to +70°C (Occasional movement) -40°C to +80°C(Fixed installation)


Similar Part No. - 4G4SY

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
4G4SY BELDEN-4G4SY Datasheet
220Kb / 3P
MachFlex 350 SY Cables
More results

Similar Description - 4G4SY

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
7200A BELDEN-7200A Datasheet
236Kb / 3P
MachFlex?? 1 Pr #24 Str BC, PO Ins, OSTC Brd, PVC Jkt, CM
7201A BELDEN-7201A Datasheet
238Kb / 3P
MachFlex?? 2 Pr #24 Str BC, PO Ins, OSTC Brd, PVC Jkt, CM
7202A BELDEN-7202A Datasheet
241Kb / 3P
MachFlex?? 3 Pr #24 Str BC, PO Ins, OSTC Brd, PVC Jkt, CM
7203A BELDEN-7203A Datasheet
248Kb / 3P
MachFlex?? 4 Pr #24 Str BC, PO Ins, OSTC Brd, PVC Jkt, CM
1349A BELDEN-1349A Datasheet
258Kb / 3P
CC Link, 5 C #1820 Str BC, PVCPO Ins, OSTC Brd, PVC Jkt, PVC Jkt, CM
8678 BELDEN-8678 Datasheet
153Kb / 2P
Electronic, 2 C #10 Str BC, PVC Ins, PVC Jkt
05-05-2023
8484 BELDEN-8484 Datasheet
144Kb / 2P
Electronic, 4 C #20 Str BC, PVC Ins, PVC Jkt
05-05-2023
9968 BELDEN-9968 Datasheet
161Kb / 2P
Electronic, 4 C #22 Str TC, PVC-NYL Ins, OA TC Brd, PVC Jkt
05-05-2023
8620 BELDEN-8620 Datasheet
160Kb / 2P
Electronic, 4 C #16 Str TC, PVC Ins, PVC Jkt
01-20-2023
9964 BELDEN-9964 Datasheet
161Kb / 2P
Electronic, 4 C #20 Str TC, PVC-NYL Ins, OA TC Brd, PVC Jkt
05-05-2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com