Electronic Components Datasheet Search
  English  ▼

X  

AV2183R100007 Datasheet(PDF) 2 Page - Belden Inc.

Part # AV2183R100007
Description  4K UHD Media Patch Cord CMR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

AV2183R100007 Datasheet(HTML) 2 Page - Belden Inc.

  AV2183R100007 Datasheet HTML 1Page - Belden Inc. AV2183R100007 Datasheet HTML 2Page - Belden Inc. AV2183R100007 Datasheet HTML 3Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
1 MHz
2.000 dB/100m
4 MHz
3.800 dB/100m
8 MHz
4.300 dB/100m
10 MHz
5.900 dB/100m
16 MHz
7.500 dB/100m
20 MHz
8.300 dB/100m
25 MHz
9.300 dB/100m
62.500 MHz
14.800 dB/100m
31.250 MHz
10.400 dB/100m
100 MHz
18.800 dB/100m
125 MHz
21.000 dB/100m
155 MHz
23.000 dB/100m
175 MHz
24.900 dB/100m
200 MHz
26.600 dB/100m
250 MHz
29.800 dB/100m
300 MHz
32.700 dB/100m
400 MHz
37.900 dB/100m
500 MHz
42.500 dB/100m
Temperature Range
Installation Temperature Range:
-10°C To +60°C
Storage Temperature Range:
-40°C To +70°C
Operating Temperature Range:
-10°C To +60°C
Mechanical Characteristics
Max. Pull Tension:
11.250 lbs
Min Bend Radius (Overall Cable): 2.200 in.
Plug /Jack Compatibility:
RJ45
Termination Interface
Termination
Connection
Durabilities
RJ45
Mated Connection 750 Cycles
Standards
NEC/(UL) Compliance:
CMR
CEC/C(UL) Compliance:
CMR
UL Rating:
Riser
Other Standards:
FCC Part 68, Subpart F, IEC 60603-7
Applicable Environmental and Other Programs
EU Directive 2002/95/EC (RoHS): Yes
MII Order #39 (China RoHS):
EUP 50
Suitability
Suitability - Indoor:
Yes
Flammability, LS0H, Toxicity Testing
Safety Listing:
c(UL)us Listed
Related Part Numbers
Variants
Item #
Color
Length
AV2183R100005 Black
5 ft
AV2183R100007 Black
7 ft
AV2183R100017 Black
17 ft
AV2183R100050 Black
50 ft
AV2183R106005 Blue, Light 5 ft
AV2183R106007 Blue, Light 7 ft
AV2183R106017 Blue, Light 17 ft
AV2183R106050 Blue, Light 50 ft



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com