Electronic Components Datasheet Search
  English  ▼

X  

AD9516-4 Datasheet(PDF) 64 Page - Analog Devices

Part # AD9516-4
Description  14-Output Clock Generator with Integrated 1.6 GHz VCO
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9516-4 Datasheet(HTML) 64 Page - Analog Devices

Back Button AD9516-4 Datasheet HTML 60Page - Analog Devices AD9516-4 Datasheet HTML 61Page - Analog Devices AD9516-4 Datasheet HTML 62Page - Analog Devices AD9516-4 Datasheet HTML 63Page - Analog Devices AD9516-4 Datasheet HTML 64Page - Analog Devices AD9516-4 Datasheet HTML 65Page - Analog Devices AD9516-4 Datasheet HTML 66Page - Analog Devices AD9516-4 Datasheet HTML 67Page - Analog Devices AD9516-4 Datasheet HTML 68Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 84 page
background image
AD9516-4
Rev. 0 | Page 64 of 84
Reg.
Addr
(Hex) Bit(s) Name
Description
19
<7:6> R, A, B
<7>
<6>
Action
Counters
0
0
Do nothing on SYNC (default).
SYNC Pin
0
1
Asynchronous reset.
Reset
1
0
Synchronous reset.
1
1
Do nothing on SYNC.
19
<5:3> R Path Delay <5:3> R Path Delay (see Table 2).
19
<2:0> N Path Delay <2:0> N Path Delay (see Table 2).
1A
<6>
Reference
Frequency
Sets the reference (REF1/REF2) frequency monitor’s detection threshold frequency. This does not affect
the VCO frequency monitor’s detection threshold (see Table 16, REF1, REF2, and VCO Frequency Status Monitor).
Monitor
<6> = 0; frequency valid if frequency is above the higher frequency threshold
Threshold
<6> = 1; frequency valid if frequency is above the lower frequency threshold
1A
<5:0> LD Pin
Select the signal which is connected to the LD pin.
Control
<5> <4> <3>
<2>
<1> <0>
Level or
Dynamic
Signal
Signal at LD Pin
0
0
0
0
0
0
LVL
Digital lock detect (high = lock, low = unlock).
0
0
0
0
0
1
DYN
P-channel, open-drain lock detect (analog lock detect).
0
0
0
0
1
0
DYN
N-channel, open-drain lock detect (analog lock detect).
0
0
0
0
1
1
HIZ
High-Z LD pin.
0
0
0
1
0
0
CUR
Current source lock detect (110 μA when DLD is true).
0
X
X
X
X
X
LVL
Ground (dc); for all other cases of 0XXXXX not specified above.
The selections that follow are the same as REFMON.
1
0
0
0
0
0
LVL
Ground (dc).
1
0
0
0
0
1
DYN
REF1 clock (differential reference when in differential mode).
1
0
0
0
1
0
DYN
REF2 clock (N/A in differential mode).
1
0
0
0
1
1
DYN
Selected reference to PLL (differential reference when in
differential mode).
1
0
0
1
0
0
DYN
Unselected reference to PLL (not available in differential mode).
1
0
0
1
0
1
LVL
Status of selected reference (status of differential reference);
active high.
1
0
0
1
1
0
LVL
Status of unselected reference (not available in differential
mode); active high.
1
0
0
1
1
1
LVL
Status REF1 frequency (active high).
1
0
1
0
0
0
LVL
Status REF2 frequency (active high).
1
0
1
0
0
1
LVL
(Status REF1 frequency) AND (status REF2 frequency).
1
0
1
0
1
0
LVL
(DLD) AND (status of selected reference) AND (status of VCO).
1
0
1
0
1
1
LVL
Status of VCO frequency (active high).
1
0
1
1
0
0
LVL
Selected reference (Low = REF1, High = REF2).
1
0
1
1
0
1
LVL
Digital lock detect (DLD); active high.
1
0
1
1
1
0
LVL
Holdover active (active high).
1
0
1
1
1
1
LVL
N/A—do not use.
1
1
0
0
0
0
LVL
VS (PLL supply).
1
1
0
0
0
1
DYN
REF1 clock (differential reference when in differential mode).
1
1
0
0
1
0
DYN
REF2 clock (not available in differential mode).
1
1
0
0
1
1
DYN
Selected reference to PLL (differential reference when in
differential mode).
1
1
0
1
0
0
DYN
Unselected reference to PLL (not available when in differential
mode).
1
1
0
1
0
1
LVL
Status of selected reference (status of differential reference);
active low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com