Electronic Components Datasheet Search
  English  ▼

X  

CT110 Datasheet(PDF) 1 Page - Allegro MicroSystems

Part # CT110
Description  XtremeSense™ High-Linearity, High-Resolution TMR Current Sensor with FLAG Output in Miniature Form Factor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

CT110 Datasheet(HTML) 1 Page - Allegro MicroSystems

  CT110 Datasheet HTML 1Page - Allegro MicroSystems CT110 Datasheet HTML 2Page - Allegro MicroSystems CT110 Datasheet HTML 3Page - Allegro MicroSystems CT110 Datasheet HTML 4Page - Allegro MicroSystems CT110 Datasheet HTML 5Page - Allegro MicroSystems CT110 Datasheet HTML 6Page - Allegro MicroSystems CT110 Datasheet HTML 7Page - Allegro MicroSystems CT110 Datasheet HTML 8Page - Allegro MicroSystems CT110 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
The CT110 is a high-linearity and high-resolution contact current
sensor with isolation that is designed with its patented state-of-
the-art XtremeSense™ TMR technology for high performance.
The device measures the current flowing through the DFN
package via its integrated current-carrying conductor (CCC) and
converts it to an analog ratiometric output voltage that represents
the current. The CT110 achieves superior performance with a
typical total output error of less than ±0.5% and is capable of
sensing current as low as 5 mA, providing unmatched resolution.
The device supports a wide operating voltage range of 2.7 to
5.5 V which allows it to be used in a variety of applications.
The CT110 is an ideal solution to replace a shunt resistor plus
isolation amplifier. At the same time, the CT110 simplifies
design, PCB layout, and saves PCB area. The device is capable
of supporting up to 15.0 A of AC and DC current.
The CT110 has a sampling frequency of 200 kHz but only has
minimal current consumption of 1.0 mA to bias it since the
measured current does not go through the device. Additionally,
the CT110 integrates a FLAG output that is active low and
will indicate when the field is above 90% and below 10% the
full field range.
The CT110 is available in a low-profile and small form factor
3.00 mm × 3.00 mm × 0.95 mm, 6-lead DFN package.
CT110-DS, Rev. 3
MCO-0001515
• Current range: ±5.0 A, ±10.0 A, ±15.0 A
• Resolution: 5 mA
• Total output error: <±0.5% (Typical)
• 2 kV isolation per IEC 62368-1
• Sampling frequency: 200 kHz
• Supply current: ~1.2 mA
• FLAG pin to detect 90% and 10% of full current range
□ Active low digital output (push-pull)
• Supply voltage: 2.7 to 5.5 V
• Operating temperature ranges:
□ Industrial: –40°C to 85°C
□ Extended Industrial: –40°C to 125°C
• Package: 6-lead DFN, 3.00 mm × 3.00 mm × 0.95 mm
XtremeSense™ High-Linearity, High-Resolution TMR Current Sensor
with FLAG Output in Miniature Form Factor
PACKAGE:
Not to scale
CT110
FEATURES AND BENEFITS
DESCRIPTION
November 2, 2023
• Shunt resistor plus
isolation amplifier
replacement
• Smart plugs/IoT devices
• LED lighting products
• Power tools
• Appliances
• Drones
• Battery charger systems
• PCs and servers
APPLICATIONS
Figure 1: CT110 with Analog and FLAG Outputs in DFN-6 Package Block Diagram
3
2
1
Isolation
Barrier
Analog
Front-End
State Machine
Analog
XtremeSense
TMR
Digital
(Push-pull)
4
GND
FLAG
ANA
VDD
6-lead DFN


Similar Part No. - CT110

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
CT1101 CIT-CT1101 Datasheet
132Kb / 1P
CIT SWITCH DIMENSIONS
CT11014.3 CIT-CT11014.3 Datasheet
132Kb / 1P
CIT SWITCH DIMENSIONS
CT11015.0 CIT-CT11015.0 Datasheet
132Kb / 1P
CIT SWITCH DIMENSIONS
CT1101L4.3 CIT-CT1101L4.3 Datasheet
132Kb / 1P
CIT SWITCH DIMENSIONS
CT1101L5.0 CIT-CT1101L5.0 Datasheet
132Kb / 1P
CIT SWITCH DIMENSIONS
More results

Similar Description - CT110

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E2CA OMRON-E2CA Datasheet
588Kb / 12P
Linear Output Proximity Sensor with High-accuracy Resolution
logo
Semtech Corporation
DP1205C433 SEMTECH-DP1205C433 Datasheet
317Kb / 13P
Combine Small Form Factor with High Performance
logo
Seoul Semiconductor
SZ5-M2-W0-C8 SEOUL-SZ5-M2-W0-C8_16 Datasheet
1Mb / 33P
Superior Efficacy & Lumen output with Small Form Factor
SZ5-M2-WN-C8 SEOUL-SZ5-M2-WN-C8_16 Datasheet
1Mb / 33P
Superior Efficacy & Lumen output with Small Form Factor
logo
Laird Tech Smart Techno...
SAH58-WB LSTD-SAH58-WB Datasheet
542Kb / 1P
High-gain in a small form factor
logo
List of Unclassifed Man...
MC-SERISE ETC1-MC-SERISE Datasheet
354Kb / 3P
High-speed connectivity in a mini-card form factor
logo
Seoul Semiconductor
SPG05F0D SEOUL-SPG05F0D Datasheet
791Kb / 19P
Superior Efficacy & Lumen output with Small Form Factor
SPF05F0B SEOUL-SPF05F0B Datasheet
873Kb / 21P
Superior Efficacy & Lumen output with Small Form Factor
logo
MultiDimension Technolo...
TMR2922 MULTIDIMENSION-TMR2922 Datasheet
469Kb / 4P
Ultra High Sensitivity TMR linear sensor
V1.0a
TMR308X MULTIDIMENSION-TMR308X Datasheet
1,016Kb / 9P
High Performance Automotive TMR Angle Sensor
Version 1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com