Electronic Components Datasheet Search
  English  ▼

X  

AD9869 Datasheet(PDF) 26 Page - Analog Devices

Part # AD9869
Description  Broadband Modem Mixed-Signal Front End
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9869 Datasheet(HTML) 26 Page - Analog Devices

Back Button AD9869 Datasheet HTML 22Page - Analog Devices AD9869 Datasheet HTML 23Page - Analog Devices AD9869 Datasheet HTML 24Page - Analog Devices AD9869 Datasheet HTML 25Page - Analog Devices AD9869 Datasheet HTML 26Page - Analog Devices AD9869 Datasheet HTML 27Page - Analog Devices AD9869 Datasheet HTML 28Page - Analog Devices AD9869 Datasheet HTML 29Page - Analog Devices AD9869 Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 36 page
background image
AD9869
Rev. 0 | Page 26 of 36
TARGET-DECIMAL EQUIVALENT
48
128
224
192
96
112
176
80
64
35
15
17
19
21
23
25
27
29
31
33
144 160
208
50MSPS CALCULATED
80MSPS CALCULATED
50MSPS MEASURED
80MSPS MEASURED
Figure 29. Measured and Calculated f−3 dB vs. Target Value for
fADC = 50 MSPS and 80 MSPS
The following scaling factor can be applied to the previous
formula to compensate for the RxPGA gain setting on f−3 dB:
Scale Factor = 1 − (RxPGA in dB)/382
(6)
This scaling factor reduces the calculated f−3 dB as the RxPGA
increases. Applications that need to maintain a minimum cutoff
frequency, f−3 dB_MIN, for all RxPGA gain settings should first
determine the scaling factor for the highest RxPGA gain setting
to be used. Next, the f−3 dB_MIN should be divided by this scale
factor to normalize to the 0 dB RxPGA gain setting, f−3 dB_0 dB.
Equation 5 can then be used to calculate the target value.
The LPF frequency response shows a slight sensitivity to
temperature, as shown in Figure 30. Applications sensitive to
temperature drift can recalibrate the LPF by rewriting the target
value to Register 0x08.
TARGET-DECIMAL EQUIVALENT
96
128
240
192
176
112
35
15
20
25
30
144
160
208
fOUT ACTUAL 80MHz AND –40°C
224
fOUT ACTUAL 80MHz AND +25°C
fOUT ACTUAL 80MHz AND +85°C
Figure 30. f−3 dB Temperature Drift for fADC = 80 MSPS and RxPGA = 0 dB
ANALOG-TO-DIGITAL CONVERTER (ADC)
The AD9869 features a 12-bit analog-to-digital converter
(ADC) capable of up to 80 MSPS. As shown in Figure 24, the
ADC is driven by the SPGA stage, which performs both the
sample-and-hold and the fine gain adjust functions. A buffer
amplifier (not shown) isolates the last CPGA gain stage from
the dynamic load presented by the SPGA stage. The full-scale
input span of the ADC is 2 V p-p, and depending on the PGA
gain setting, the full-scale input span into the SPGA is adjustable
from 1 V to 2 V in 1 dB increments.
A pipelined, multistage ADC architecture is used to achieve high
sample rates while consuming low power. The ADC distributes the
conversion over several smaller ADC subblocks, refining the
conversion with progressively higher accuracy as it passes the
results from stage to stage on each clock edge. The ADC typically
performs best when driven internally by a 50% duty cycle clock.
The ADC power consumption can be reduced by 25 mA with
minimal effect on its performance by setting Bit 4 of Register 0x07.
Alternative power bias settings are also available via Register 0x13,
as discussed in the Power Control and Dissipation section.
Lastly, the ADC can be completely powered down for half-duplex
operation, further reducing the peak power consumption of the
AD9869.
The ADC has an internal voltage reference and reference amplifier
as shown in Figure 31. The internal band gap reference generates
a stable 1 V reference level that is converted to a differential 1 V
reference centered about midsupply (AVDD/2). The outputs of
the differential reference amplifier are available at the REFT and
REFB pins and must be properly decoupled for optimum perform-
ance. The REFT and REFB pins are conveniently situated at
the corners of the LFCSP package such that C1 (0603 type)
can be placed directly across its pins. C3 and C4 can be placed
underneath C1, and C2 (10 μF tantalum) can be placed furthest
from the package.
1.0V
TO
ADCs
REFT
REFB
C1
0.1µF
C2
10µF
C3
0.1µF
C4
0.1µF
C1
C4
C2
C3
TOP
VIEW
Figure 31. ADC Reference and Decoupling



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com