Electronic Components Datasheet Search
  English  ▼

X  

AD9745BCPZ Datasheet(PDF) 16 Page - Analog Devices

Part # AD9745BCPZ
Description  Dual 8-/10-/12-/14-/16-Bit 250 MSPS Digital-to-Analog Converters
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9745BCPZ Datasheet(HTML) 16 Page - Analog Devices

Back Button AD9745BCPZ Datasheet HTML 12Page - Analog Devices AD9745BCPZ Datasheet HTML 13Page - Analog Devices AD9745BCPZ Datasheet HTML 14Page - Analog Devices AD9745BCPZ Datasheet HTML 15Page - Analog Devices AD9745BCPZ Datasheet HTML 16Page - Analog Devices AD9745BCPZ Datasheet HTML 17Page - Analog Devices AD9745BCPZ Datasheet HTML 18Page - Analog Devices AD9745BCPZ Datasheet HTML 19Page - Analog Devices AD9745BCPZ Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
AD9741/AD9743/AD9745/AD9746/AD9747
Rev. 0 | Page 16 of 28
–5
–4
–3
–2
–1
0
1
25
75
125
175
225
50
100
150
200
0
250
fOUT (MHz)
NORMAL MODE
MIX MODE
–165
–160
–155
–150
–145
–140
–135
–130
AD9747
AD9746
AD9745
AD9743
AD9741
Figure 19. Nominal Power in the Fundamental, IFS = 20 mA
Figure 21. NSD vs. Bit Resolution, Single Carrier WCDMA, 245.76 MSPS, fCARRIER
fCARRIER = 61.44 MHz
50
55
60
65
70
75
80
85
AD9747
AD9746
AD9745
AD9743
AD9741
Figure 20. ACLR vs. Bit Resolution, Single Carrier WCDMA, 245.76 MSPS,
fCARRIER = 61.44 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com