Electronic Components Datasheet Search
  English  ▼

X  

AD9747BCPZ Datasheet(PDF) 1 Page - Analog Devices

Part # AD9747BCPZ
Description  Dual 8-/10-/12-/14-/16-Bit 250 MSPS Digital-to-Analog Converters
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9747BCPZ Datasheet(HTML) 1 Page - Analog Devices

  AD9747BCPZ Datasheet HTML 1Page - Analog Devices AD9747BCPZ Datasheet HTML 2Page - Analog Devices AD9747BCPZ Datasheet HTML 3Page - Analog Devices AD9747BCPZ Datasheet HTML 4Page - Analog Devices AD9747BCPZ Datasheet HTML 5Page - Analog Devices AD9747BCPZ Datasheet HTML 6Page - Analog Devices AD9747BCPZ Datasheet HTML 7Page - Analog Devices AD9747BCPZ Datasheet HTML 8Page - Analog Devices AD9747BCPZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
Dual 8-/10-/12-/14-/16-Bit
250 MSPS Digital-to-Analog Converters
AD9741/AD9743/AD9745/AD9746/AD9747
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2007 Analog Devices, Inc. All rights reserved.
FEATURES
High dynamic range, dual DACs
Low noise and intermodulation distortion
Single carrier WCDMA ACLR = 80 dBc @ 61.44 MHz IF
Innovative switching output stage permits useable outputs
beyond Nyquist frequency
LVCMOS inputs with dual-port or optional interleaved
single-port operation
Differential analog current outputs are programmable from
8.6 mA to 31.7 mA full scale
Auxiliary 10-bit current DACs with source/sink capability for
external offset nulling
Internal 1.2 V precision reference voltage source
Operates from 1.8 V and 3.3 V supplies
315 mW power dissipation
Small footprint, Pb-free, 72-
Lead LFCSP
APPLICATIONS
Wireless infrastructure:
WCDMA, CDMA2000, TD-SCDMA, WiMAX
Wideband communications:
LMDS/MMDS, point-to-point
Instrumentation:
RF signal generators, arbitrary waveform generators
GENERAL DESCRIPTION
The AD9741/AD9743/AD9745/AD9746/AD9747 are pin-
compatible, high dynamic range, dual digital-to-analog
converters (DACs) with 8-/10-/12-/ 14-/16-bit resolutions
and sample rates of up to 250 MSPS. The devices include
specific features for direct conversion transmit applications,
including gain and offset compensation, and they interface
seamlessly with analog quadrature modulators, such as the
ADL5370.
A proprietary, dynamic output architecture permits synthesis
of analog outputs even above Nyquist by shifting energy away
from the fundamental and into the image frequency.
Full programmability is provided through a serial peripheral
interface (SPI) port. In addition, some pin-programmable
features are offered for those applications without a controller.
PRODUCT HIGHLIGHTS
1.
Low noise and intermodulation distortion (IMD) enables
high quality synthesis of wideband signals.
2.
Proprietary switching output for enhanced dynamic
performance.
3.
Programmable current outputs and dual auxiliary DACs
provide flexibility and system enhancements.
FUNCTIONAL BLOCK DIAGRAM
16-BIT
DAC1
16-BIT
DAC2
INTERFACE LOGIC
GAIN
DAC
GAIN
DAC
OFFSET
DAC
OFFSET
DAC
INTERNAL
REFERENCE
AND
BIAS
SERIAL
PERIPHERAL
INTERFACE
10
CMOS
INTERFACE
CLKP
CLKN
PID<15:0>
P2D<15:0>
IOUT1P
IOUT1N
IOUT2P
IOUT2N
AUX1P
AUX1N
AUX2P
AUX2N
Figure 1.


Similar Part No. - AD9747BCPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9747 AD-AD9747_15 Datasheet
452Kb / 28P
Dual 8-/10-/12-/14-/16-Bit 250 MSPS Digital-to-Analog Converters
REV. A
More results

Similar Description - AD9747BCPZ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS42JB49 TI-ADS42JB49 Datasheet
4Mb / 70P
Dual-Channel, 14- and 16-Bit, 250-MSPS Analog-to-Digital Converters
ADS42JB49 TI1-ADS42JB49_13 Datasheet
4Mb / 73P
Dual-Channel, 14- and 16-Bit, 250-MSPS Analog-to-Digital Converters
ADS42LB49 TI1-ADS42LB49 Datasheet
3Mb / 80P
Dual-Channel, 14- and 16-Bit, 250-MSPS Analog-to-Digital Converters
ADS42JB49 TI1-ADS42JB49_14 Datasheet
4Mb / 73P
Dual-Channel, 14- and 16-Bit, 250-MSPS Analog-to-Digital Converters
logo
Analog Devices
AD9741 AD-AD9741_15 Datasheet
452Kb / 28P
Dual 8-/10-/12-/14-/16-Bit 250 MSPS Digital-to-Analog Converters
REV. A
AD9743 AD-AD9743_15 Datasheet
452Kb / 28P
Dual 8-/10-/12-/14-/16-Bit 250 MSPS Digital-to-Analog Converters
REV. A
AD9745 AD-AD9745_15 Datasheet
452Kb / 28P
Dual 8-/10-/12-/14-/16-Bit 250 MSPS Digital-to-Analog Converters
REV. A
AD9746 AD-AD9746_15 Datasheet
452Kb / 28P
Dual 8-/10-/12-/14-/16-Bit 250 MSPS Digital-to-Analog Converters
REV. A
AD9747 AD-AD9747_15 Datasheet
452Kb / 28P
Dual 8-/10-/12-/14-/16-Bit 250 MSPS Digital-to-Analog Converters
REV. A
logo
Texas Instruments
ADS42JB49 TI1-ADS42JB49_15 Datasheet
5Mb / 76P
Dual-Channel, 14- and 16-Bit, 250-MSPS Analog-to-Digital Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com