Electronic Components Datasheet Search
  English  ▼

X  

100034313 Datasheet(PDF) 2 Page - Turck, Inc.

Part # 100034313
Description  Magnetic Inductive Linear Position Sensor – For Analog Monitoring of Pneumatic Cylinders
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TURCK [Turck, Inc.]
Direct Link  https://www.turck.us/en/index.php
Logo TURCK - Turck, Inc.

100034313 Datasheet(HTML) 2 Page - Turck, Inc.

  100034313 Datasheet HTML 1Page - Turck, Inc. 100034313 Datasheet HTML 2Page - Turck, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TURCK Inc. | 3000 Campus Drive Minneapolis, MN 55441-2656 | Phone: 763-553-7300 | Application Support: 1-800-544-7769 | Fax 763-553-0708 | www.turck.com
2|2
Technical data
IO-Link port type
Class A
Minimum cycle time
2.3 ms
Mechanical data
 
Design
Rectangular, UNTL
Dimensions
269 x 13.6 x 14.2  mm
Housing material
Plastic, PA66-GF25
Tightening torque fixing screw
0.25 Nm
Electrical connection
Cable with connector, M12 × 1
Cable quality
Ø 2.6 mm, Black, TPE, 0.3  m
Halogen free, flame retardant acc. to VDE,
below 0 °C stationary mounting of cable
Core cross-section
4 x 0.25  mm2
Environmental conditions
 
Ambient temperature
-20…+70  °C
Vibration resistance
55 Hz (1 mm)
Shock resistance
30  g (11 ms)
Protection class
IP67
Display magnetic-field status
LED, yellow
rugged sensors deliver optimal repeatability,
resolution and linearity and offer a high level of
electromagnetic compatibility, as well as a wide
temperature range.
 



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com