Electronic Components Datasheet Search
  English  ▼

X  

ADATE207BBPZ Datasheet(PDF) 16 Page - Analog Devices

Part # ADATE207BBPZ
Description  Quad Pin Timing Formatter
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADATE207BBPZ Datasheet(HTML) 16 Page - Analog Devices

Back Button ADATE207BBPZ Datasheet HTML 12Page - Analog Devices ADATE207BBPZ Datasheet HTML 13Page - Analog Devices ADATE207BBPZ Datasheet HTML 14Page - Analog Devices ADATE207BBPZ Datasheet HTML 15Page - Analog Devices ADATE207BBPZ Datasheet HTML 16Page - Analog Devices ADATE207BBPZ Datasheet HTML 17Page - Analog Devices ADATE207BBPZ Datasheet HTML 18Page - Analog Devices ADATE207BBPZ Datasheet HTML 19Page - Analog Devices ADATE207BBPZ Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 36 page
background image
ADATE207
Rev. 0 | Page 16 of 36
After the power and MCLK inputs are stable, the device must be
reset using the hard reset and error reset bits. The soft reset can
be used to initialize registers at any time and does not reset the
PLL or FIFOs.
There are six rules of reset.
Rule 1—on power up, keep the hard reset pin (RESET_B)
asserted.
Rule 2—if MCLK is unstable, keep the hard reset pin
(RESET_B) asserted.
Rule 3—after MCLK is stable, keep the hard reset pin
(RESET_B) asserted for at least 20 μs.
Rule 4—after the 20 μs of Rule 3 has elapsed, assert the error
reset bit (Bit 03 in Register 0x19).
Rule 5—the hard reset signal (RESET_B) can be asserted
asynchronously to MCLK, but upon deassertion, must make
setup and hold requirements upon the MCLK.
Rule 6—the minimum pulse width of RESET_B must be at least
three MCLK periods.
Table 11. Comparison Between Normal Mode and Clock Generation Mode
Normal Mode (CLKGEN_MD_EN=0)
Clock Generator Mode(CLKGEN_MD_EN=1)
Period Start
A single signal for all four channels, I_PER_EARLY_T0EN.
Four signals, one per channel; PAT_MASK[N] operates
as a period start signal for channel N.
Waveform
Memory Selection
Each channel N is selected via the I_PAT_PATDATA_N vector
every rising edge of I_MCLK.
Waveform memory location is fixed at Address 0.
Input Delay
A single vector adjust input delay for all channels,
INPUT_DELAY.
Four vectors are available, one per channel. For each
Channel N, PAT_PATDATA_N operates as
INPUT_DELAY for Channel N.
Fail Masking
Edge N for all channels can mask the fail operation every
rising edge of I_MCLK via PAT_MASK[N].
No masking of fail operations is available.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com