Electronic Components Datasheet Search
  English  ▼

X  

FP2101RW Datasheet(PDF) 2 Page - Goodwork Semiconductor Co., Ltd .

Part # FP2101RW
Description  P-Channel Enhancement MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GWSEMI [Goodwork Semiconductor Co., Ltd .]
Direct Link  http://www.goodwork.com.tw/
Logo GWSEMI - Goodwork Semiconductor Co., Ltd .

FP2101RW Datasheet(HTML) 2 Page - Goodwork Semiconductor Co., Ltd .

  FP2101RW Datasheet HTML 1Page - Goodwork Semiconductor Co., Ltd . FP2101RW Datasheet HTML 2Page - Goodwork Semiconductor Co., Ltd . FP2101RW Datasheet HTML 3Page - Goodwork Semiconductor Co., Ltd . FP2101RW Datasheet HTML 4Page - Goodwork Semiconductor Co., Ltd .  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
Electrical Characteristics (TAmbient=25ºC unless noted otherwise)
Symbol
Parameters
Conditions
Min.
Typ.
Max. Unit
Off Characteristics
BVDSS
Drain‐Source Breakdown Voltage
VGS=‐0V, ID=‐250μA
‐20
Volt
IDSS
Zero Gate Voltage Drain Current
VDS=‐15V, VGS=0V
‐0.3
μA
IGSS
Gate‐Body Leakage Current
VGS=±10V, VDS=0V
±100
nA
On Characteristics(Note 3)
VGS(th)
Gate Threshold Voltage
VDS=VGS,ID=‐250μA
‐0.5
‐0.7
‐0.9
Volt
RDS(ON)
Drain‐Source On‐State Resistance
VGS=‐4.5V, ID=‐1.5A
94
110
mΩ
VGS=‐2.5V, ID=‐1.5A
122
137
mΩ
gFS
Forward Transconductance
VDS=‐10V, ID=‐0.5A
1.2
S
Dynamic Characteristics(Note 4)
Ciss
Input Capacitance
VDD=‐16V, VGS=0V ,
F=1MHz
413
pF
Coss
Output Capacitance
45
pF
Crss
Reverse Transfer Capacitance
19
pF
Switching Characteristics(Note 4)
td(on)
Turn‐on Delay Time
VDD=‐10V, ID=‐500mA
VGS=‐4.5V, RGEN=10Ω
13
nS
tr
Turn‐on Rise Time
7.5
nS
td(off)
Turn‐Off Delay Time
36.2
nS
tf
Turn‐Off Fall Time
23.2
nS
Drain‐Source Diode Characteristics
VSD
Diode Forward Voltage(Note 3)
VGS=0V, IS=‐2.0A
‐1.2
V
IS
Diode Forward Current(Note 2)
‐2.0
A
Notes: 1. Repetitive Rating: Pulse width limited by maximum junction temperature
2. Surface mounted on FR4 Board, t≤10 sec
3. PulseTest: PulseWidth≤300μs, Duty Cycle≤2%
4. Guaranteed by design, not subject to production
FP2101RW
P-Channel Enhancement MOSFET



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com