Electronic Components Datasheet Search
  English  ▼

X  

ATI Datasheet(PDF) 1 Page - Yuechung International Corp.

Part # ATI
Description  lSM Internal Antennas
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YIC [Yuechung International Corp.]
Direct Link  https://www.yic.com.tw/en/home-en/
Logo YIC - Yuechung International Corp.

ATI Datasheet(HTML) 1 Page - Yuechung International Corp.

  ATI Datasheet HTML 1Page - Yuechung International Corp. ATI Datasheet HTML 2Page - Yuechung International Corp. ATI Datasheet HTML 3Page - Yuechung International Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
YUECHUNG INTERNATIONAL CORP.
1
URL:http://www.yic.com.tw
E-mail: service@yic.com.tw
Y
YI
IC
C
ATI Series
lSM Internal Antennas
Product Number: ATI868M-2540-25
1. Overall Performance
CHARACTERISTICS
SPEC
Center Frequency
868±1 MHz
Patch Dimension
25mm(L)×25mm(W)×4mm(H) typ
Gain
2dBi without cable
Bandwidth(10dB return loss)
2MHz
typ
Output VSWR
≦2.0
Output Impedance
50ohm
Polarization
R.H.C.P
Dimensions
25mm(L)×25mm(W)×5mm(H) typ
Weight
8±2g(typ)
Cable
25±1mm (Φ=1.13mm)
Connector
IPEX


Similar Part No. - ATI

ManufacturerPart #DatasheetDescription
logo
Yuechung International ...
ATI YIC-ATI Datasheet
361Kb / 4P
2.4G / 5.8GHz Dual Band Wi-Fi Antenna
logo
Advanced Technical Mate...
ATI-1-2 ATM-ATI-1-2 Datasheet
52Kb / 1P
BROADBAND COAXIAL ISOLATOR
logo
Yuechung International ...
ATI2.4G YIC-ATI2.4G Datasheet
824Kb / 6P
2.4 GHz Patch Antenna with Cable and Connector
ATI2.4G YIC-ATI2.4G Datasheet
872Kb / 6P
2.4 GHz Patch Antenna with Cable and Connector
ATI2.4G2540-1.37-150 YIC-ATI2.4G2540-1.37-150 Datasheet
824Kb / 6P
2.4 GHz Patch Antenna with Cable and Connector
More results

Similar Description - ATI

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1307023 MACOM-1307023 Datasheet
50Kb / 2P
Picocell Antennas
logo
Microsemi Corporation
MDT5864 MICROSEMI-MDT5864 Datasheet
167Kb / 2P
HORN ANTENNAS
logo
Pulse A Technitrol Comp...
W1047 PULSE-W1047 Datasheet
158Kb / 5P
ANTENNAS
logo
Laird Tech Smart Techno...
RD2458-5 LSTD-RD2458-5 Datasheet
449Kb / 2P
Amplified antennas
logo
Pulse A Technitrol Comp...
IOT-K PULSE-IOT-K Datasheet
388Kb / 5P
IoT Antennas
ISM-K PULSE-ISM-K Datasheet
394Kb / 4P
ISM Antennas
LORA-K PULSE-LORA-K Datasheet
423Kb / 4P
LORA Antennas
SPWH24918 PULSE-SPWH24918 Datasheet
994Kb / 4P
PORTABLE ANTENNAS
logo
Molex Electronics Ltd.
987651-3851 MOLEX-987651-3851 Datasheet
403Kb / 2P
Combo Antennas
2020.09
987651-5071 MOLEX-987651-5071 Datasheet
1Mb / 2P
GNSS Antennas
2020.02
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com