Electronic Components Datasheet Search
  English  ▼

X  

4050 Datasheet(PDF) 3 Page - LEMO Connectors

Part # 4050
Description  B - Indoor keyed
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEMO [LEMO Connectors]
Direct Link  https://www.lemo.com/en
Logo LEMO - LEMO Connectors

4050 Datasheet(HTML) 3 Page - LEMO Connectors

  4050 Datasheet HTML 1Page - LEMO Connectors 4050 Datasheet HTML 2Page - LEMO Connectors 4050 Datasheet HTML 3Page - LEMO Connectors 4050 Datasheet HTML 4Page - LEMO Connectors  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
https://www.lemo.com/int_en/solutions/originals/b-indoor-keyed/fgg-2b-304-clam32.html
LEMO products and services are provided “as is”. LEMO makes no warranties or representations with regard to LEMO product & services or use of them,
express, implied or statutory, including for accuracy, completeness, or security. The user is fully responsible for his products and applications using LEMO
components.
Environment
Technical domain
Audio Video, Energy and Industrial, Medical,
Semiconductor, Specialties and Other, Test and
Measurement, Transportation, Aerospace and UAV
Environmental protection (IP rating)
IP50
Minimal temperature
-55°C / +250°C
Climatical Category
50/175/21
Humidity (max)
<=95% [at 60 deg C /140 F]
Shielding (min)
75 dB (10 MHz)
Shielding (min)
40 dB (1 GHz)
Shock Resistance
100 g [ 6 ms]
Vibration
15 g [10 Hz - 2000 Hz]
Salt Spray Corrosion
>1000 hr
Cable fixation
Cable termination protection
Standard back nut (no additional protection)
Fixation type
Cable collet
Jacket cable outside diameter [mm]
2.20 - 3.20 mm
Drawings
Dimensions
A
L
M
S1
S2
mm.
15
50
38
13
12
in.
0.59
1.97
1.5
0.51
0.47



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com