Electronic Components Datasheet Search
  English  ▼

X  

PEMZ7 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PEMZ7
Description  NPN/PNP general purpose transistors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PEMZ7 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PEMZ7 Datasheet HTML 2Page - NXP Semiconductors PEMZ7 Datasheet HTML 3Page - NXP Semiconductors PEMZ7 Datasheet HTML 4Page - NXP Semiconductors PEMZ7 Datasheet HTML 5Page - NXP Semiconductors PEMZ7 Datasheet HTML 6Page - NXP Semiconductors PEMZ7 Datasheet HTML 7Page - NXP Semiconductors PEMZ7 Datasheet HTML 8Page - NXP Semiconductors PEMZ7 Datasheet HTML 9Page - NXP Semiconductors PEMZ7 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
2001 Nov 07
6
Philips Semiconductors
Product specification
NPN/PNP general purpose transistors
PEMZ7
handbook, halfpage
0
(1)
(2)
(3)
(4)
(5)
(6)
(7)
(8)
(10)
IC
(mA)
VCE (V)
−1200
−800
−400
0
−2
−10
−4
−6
−8
MLD650
(9)
Fig.8
Collector current as a function of
collector-emitter voltage; typical values.
TR2 (PNP); Tamb =25 °C.
(1) IB = 7.0 mA
(2) IB = 6.3 mA
(3) IB = 5.6 mA
(4) IB = 4.9 mA
(5) IB = 4.2 mA
(6) IB = 3.5 mA
(7) IB = 2.8 mA
(8) IB = 2.1 mA
(9) IB = 1.4 mA
(10) IB = 0.7 mA
handbook, halfpage
−200
−1200
−400
−600
−800
−1000
MLD667
−1
−10−1
IC (mA)
VBE
(mV)
−10
−102
−103
(1)
(3)
(2)
Fig.9
Base-emitter voltage as a function of
collector current; typical values.
TR2 (PNP); VCE = −2V.
(1) Tamb = −55 °C.
(2) Tamb =25 °C.
(3) Tamb = 150 °C.
handbook, halfpage
−200
−1200
−400
−600
−800
−1000
MHC022
−10−1
−1
−10
−102
−103
VBEsat
(mV)
IC (mA)
(1)
(2)
(3)
Fig.10 Base-emitter saturation voltage as a
function of collector current; typical values.
TR2 (PNP); IC/IB = 20.
(1) Tamb = 150 °C.
(2) Tamb =25 °C.
(3) Tamb = −55 °C.
handbook, halfpage
−103
−102
−10
−1
MHC023
−10−1
−1
−10
IC (mA)
VCEsat
(mV)
−102
−103
(1)
(2)
(3)
Fig.11 Collector-emitter saturation voltage as a
function of collector current; typical values.
TR2 (PNP); IC/IB = 20.
(1) Tamb = 150 °C.
(2) Tamb =25 °C.
(3) Tamb = −55 °C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com