Electronic Components Datasheet Search
  English  ▼

X  

TP1251 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # TP1251
Description  ILLUMINATED PUSHBUTTON SWITCHES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TP1251 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  TP1251 Datasheet HTML 1Page - List of Unclassifed Manufacturers TP1251 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Telephone 01256 467367
email sales@devlincomponents.co.uk
Website www.devlincomponents.co.uk
ILLUMINATED SWITCHES
TP1251: ILLUMINATED PUSHBUTTON SWITCHES
DIMENSIONS
PCB Layout
Circuit Diagram
All measurements are in mm.
Tolerance +/- 0.3mm unless
shown. This leaflet is believed
to contain the best information
at time of printing, but is
subject
to
change
without
notice.
Devlin Electronics Limited ,Unit D1, Grafton Way, Basingstoke, Hants, RG22 6HZ, England



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com