Electronic Components Datasheet Search
  English  ▼

X  

MUR1640ISC Datasheet(PDF) 1 Page - Thinki Semiconductor Co., Ltd.

Part # MUR1640ISC
Description  16.0 Ampere Heatsink Electrically Isolated Series Connection Ultra Fast Recovery Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINKISEMI [Thinki Semiconductor Co., Ltd.]
Direct Link  http://www.thinkisemi.com
Logo THINKISEMI - Thinki Semiconductor Co., Ltd.

MUR1640ISC Datasheet(HTML) 1 Page - Thinki Semiconductor Co., Ltd.

  MUR1640ISC Datasheet HTML 1Page - Thinki Semiconductor Co., Ltd. MUR1640ISC Datasheet HTML 2Page - Thinki Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
TO-220AB/TO-220-3L
Unit:inch(mm)
※
ThinkiSemi latest&matured process FRED
※
Low forward voltage drop
※
High current capability
※
Low reverse leakage current
※
Low reverse leakage current
※
High surge current capability
Application
※
Automotive Inverters and Solar Inverters
※
Car Audio Amplifiers and Sound Device Systems
※
Plating Power Supply,Motor Control,UPS and SMPS etc.
Mechanical Data
※
Case: Heatsink open metal TO-220AB/TO-220-3L package
※
Epoxy: UL 94V-0rateflame retardant
※
Epoxy: UL 94V 0 rate flame retardant
※
Terminals: Solderable per MIL-STD-202 method 208
※
Polarity: As marked on diode body
※
Mounting position: Any
※
Weight: 2.0 gram approximately
MUR1620ISC thru MUR16120ISC
Pb Free Plating Product
MUR1620ISC thru MUR16120ISC
Pb
16.0 Ampere Heatsink Electrically Isolated Series Connection Ultra Fast Recovery Rectifiers
Positive
Negative
Insulated Common Cathode
Insulated Common Anode
Doubler
Insulated Doubler Polarity
Series
Insulated Series Connection
Suffix "ICA"
Suffix "IDP"
Suffix "ISC"
Suffix "ICC"
.196(5.00)
.054(1.39)
.038(0.96)
.419(10.66)
.139(3.55)
MIN
.163(4.16)
.045(1.15)
.019(0.50)
.025(0.65)MAX
.1(2.54)
.1(2.54)
.387(9.85)
© 1995 Thinki Semiconductor Co., Ltd.
http://www.thinkisemi.com.tw/
Page 1/2
Rev.14T
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25℃ ambient temperature unless otherwise specified.
Single phase,half wave,60Hz,resistive or inductive load.
For capacitive load, derate current by 20%.
SYMBOL
UNIT
VRRM
200
400
600
800
1000
1200
V
VRMS
140
280
420
560
700
840
V
VDC
200
400
600
800
1000
1200
V
IF(AV)
A
IFSM
A
VF
(Typical)
0.85-0.95
1.00-1.25
1.25-1.50
V
IR
μA
μA
Trr
nS
CJ
pF
RθJC
℃
/W
TJ,TSTG
℃
Note:(1)Reverse recovery test conditions IF = 0.5A, IR = 1.0A, Irr = 0.25A.
Note:(2)Measured at 1.0 MHz and applied reverse voltage of 4.0 Volts DC.
Note:(3)Thermal Resistance junction to case.
Typical Junction Capacitance (Note 2)
80
Typical Thermal Resistance (Note 3)
1.5
Operating Junction and Storage
Temperature Range
-55 to +175
Maximum Reverse Recovery Time (Note1)
PARAMETER
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified
Current TC=125℃
(Total Device 2x8.0A=16.0A)
16.0
Peak Forward Surge Current, 8.3ms single Half
sine-wave superimposed on rated load (JEDEC
method)(Per Diode/Per Leg)
160
Maximum Instantaneous Forward Voltage
@8.0A(Per Diode/Per Leg)
Maximum DC Reverse Current @TJ=25℃
At Rated DC Blocking Voltage @TJ=125℃
1.0
100
1.50-1.70
25-50
50-75
MUR1620ISC
MUR1640ISC
MUR1660ISC
MUR1680ISC
MUR16100ISC
MUR16120ISC
※
Internal ceramic(alumina) insulated package
Heat-sink(copper base plate)
N/C(None Collect)


Similar Part No. - MUR1640ISC

ManufacturerPart #DatasheetDescription
logo
Thinki Semiconductor Co...
MUR1640ICA THINKISEMI-MUR1640ICA Datasheet
266Kb / 2P
16.0 Ampere Heatsink Electrically Isolated Common Anode Ultra Fast Recovery Rectifiers
Rev.14T
MUR1640ICC THINKISEMI-MUR1640ICC Datasheet
278Kb / 2P
16.0 Ampere Heatsink Electrically Isolated Common Cathode Ultra Fast Recovery Rectifiers
Rev.14T
MUR1640IDP THINKISEMI-MUR1640IDP Datasheet
266Kb / 2P
16.0 Ampere Heatsink Electrically Isolated Doubler Polarity Ultra Fast Recovery Rectifiers
Rev.14T
More results

Similar Description - MUR1640ISC

ManufacturerPart #DatasheetDescription
logo
Thinki Semiconductor Co...
MUR1620CTS THINKISEMI-MUR1620CTS Datasheet
365Kb / 2P
16.0 Ampere Heatsink Series Connection Ultra Fast Recovery Rectifiers
MUR1620GD THINKISEMI-MUR1620GD_12 Datasheet
366Kb / 2P
16.0 Ampere Heatsink Dual Series Connection Ultra Fast Recovery Rectifiers
logo
ABB
U16C20S ABB-U16C20S Datasheet
365Kb / 2P
16.0 Ampere Heatsink Series Connection Ultra Fast Recovery Rectifiers
logo
Thinki Semiconductor Co...
U16C20S THINKISEMI-U16C20S Datasheet
365Kb / 2P
16.0 Ampere Heatsink Series Connection Ultra Fast Recovery Rectifiers
U16C20S THINKISEMI-U16C20S_V01 Datasheet
344Kb / 2P
16.0 Ampere Heatsink Series Connection Ultra Fast Recovery Rectifiers
H16C20S THINKISEMI-H16C20S Datasheet
345Kb / 2P
16.0 Ampere Heatsink Series Connection Ultra Fast Recovery Rectifiers
F16C20S THINKISEMI-F16C20S Datasheet
423Kb / 2P
16.0 Ampere Heatsink Dual Series Connection Ultra Fast Recovery Rectifiers
MUR1680CTS THINKISEMI-MUR1680CTS Datasheet
348Kb / 2P
16.0 Ampere Heatsink Series Connection Ultra Fast Recovery Rectifiers
VF16C20S THINKISEMI-VF16C20S Datasheet
265Kb / 2P
16.0 Ampere Heatsink Dual Series Connection Ultra Fast Recovery Rectifiers
MUR1620CS THINKISEMI-MUR1620CS Datasheet
275Kb / 2P
16.0 Ampere Heatsink Dual Series Connection Ultra Fast Recovery Rectifiers
Rev.07T
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com