Electronic Components Datasheet Search
  English  ▼

X  

PH2222 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PH2222
Description  NPN switching transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PH2222 Datasheet(HTML) 1 Page - NXP Semiconductors

  PH2222 Datasheet HTML 1Page - NXP Semiconductors PH2222 Datasheet HTML 2Page - NXP Semiconductors PH2222 Datasheet HTML 3Page - NXP Semiconductors PH2222 Datasheet HTML 4Page - NXP Semiconductors PH2222 Datasheet HTML 5Page - NXP Semiconductors PH2222 Datasheet HTML 6Page - NXP Semiconductors PH2222 Datasheet HTML 7Page - NXP Semiconductors PH2222 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
DATA SHEET
Product specification
Supersedes data of 1997 Sep 04
1999 Apr 27
DISCRETE SEMICONDUCTORS
PH2222A
NPN switching transistor
book, halfpage
M3D186


Similar Part No. - PH2222

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
PH2226-110M MACOM-PH2226-110M Datasheet
210Kb / 2P
Radar Pulsed Power Transistor, 110 Watts, 2.25-2.55 GHz, 100 uS Pulse, 10% Duty
logo
M/A-COM Technology Solu...
PH2226-110M MA-COM-PH2226-110M Datasheet
107Kb / 3P
Radar Pulsed Power Transistor 110W, 2.2-2.6GHz, 100關s Pulse, 10% Duty
logo
Tyco Electronics
PH2226-110M MACOM-PH2226-110M Datasheet
107Kb / 3P
Radar Pulsed Power Transistor 110W, 2.2-2.6GHz, 100關s Pulse, 10% Duty
logo
M/A-COM Technology Solu...
PH2226-110M MA-COM-PH2226-110M_17 Datasheet
107Kb / 3P
Radar Pulsed Power Transistor
logo
Tyco Electronics
PH2226-11OM MACOM-PH2226-11OM Datasheet
99Kb / 1P
Radar Pulsed Power Transistor, IlOW, loops Pulse, 10% Duty 2.25 - 2.55 GHz
More results

Similar Description - PH2222

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
2N5772 FAIRCHILD-2N5772 Datasheet
28Kb / 4P
NPN Switching Transistor
logo
Solid States Devices, I...
SFT6800S.5 SSDI-SFT6800S.5_1 Datasheet
94Kb / 2P
NPN switching Transistor
logo
Galaxy Semi-Conductor H...
MMBT2222AT BILIN-MMBT2222AT Datasheet
184Kb / 4P
NPN SWITCHING TRANSISTOR
logo
Shenzhen Luguang Electr...
MMBT2222AT-SOT-523 LUGUANG-MMBT2222AT-SOT-523 Datasheet
1Mb / 4P
NPN SWITCHING TRANSISTOR
logo
TT Electronics.
2N2369A TTELEC-2N2369A Datasheet
233Kb / 3P
NPN SWITCHING TRANSISTOR
logo
Shenzhen Luguang Electr...
MMBT3904 LUGUANG-MMBT3904 Datasheet
1Mb / 3P
NPN SWITCHING TRANSISTOR
logo
AiT Semiconductor Inc.
MBT2222AL AITSEMI-MBT2222AL Datasheet
832Kb / 9P
SWITCHING TRANSISTOR NPN TRANSISTOR
REV1.3
MBT3904L AITSEMI-MBT3904L Datasheet
1Mb / 9P
SWITCHING TRANSISTOR NPN TRANSISTOR
REV1.2
MBT3904T AITSEMI-MBT3904T Datasheet
1Mb / 10P
SWITCHING TRANSISTOR NPN TRANSISTOR
REV1.0
MBT5550 AITSEMI-MBT5550 Datasheet
1,016Kb / 7P
SWITCHING TRANSISTOR NPN TRANSISTOR
REV1.0
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com