Electronic Components Datasheet Search
  English  ▼

X  

708-1 Datasheet(PDF) 1 Page - Apex Electronics Co., Ltd

Part # 708-1
Description  Toggle switches
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX-ELECTRONICS [Apex Electronics Co., Ltd]
Direct Link  https://apex-electronics.com/index.php
Logo APEX-ELECTRONICS - Apex Electronics Co., Ltd

708-1 Datasheet(HTML) 1 Page - Apex Electronics Co., Ltd

  708-1 Datasheet HTML 1Page - Apex Electronics Co., Ltd 708-1 Datasheet HTML 2Page - Apex Electronics Co., Ltd 708-1 Datasheet HTML 3Page - Apex Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2018 APEX Electronics Ltd. All rights reserved.
www.apex-electronics.com
LPOT Series
Toggle switches
01
SPECIFICATIONS
RATING: 15A 125VAC/20A 125/150VAC
INSULATION RESISTANCE: DC 500V 200M Min.
CONTACT RESISTANCE: DC2-4V 1A 20m Max.
WITHSTAND VOLTAGE: AC 1500V Min.
Standard: A3 - B2 - H2
See Switch Function
MODEL
NO.
MOM=MOMENTARY
NO.
POLES UL
POS.2
POS.3
SWITCH FUNCTION
3
.
S
O
P
2
.
S
O
P
1
.
S
O
P
POS.1
CONNECTED TERMINALS / SCHEMATIC
703
703A
704-1
704-1A
704-2
704-2A
704-2B
705
705A
706-1
706-1A
706-2
706-2A
706-2B
708-1
708-1A
708-2
708-2A
708-2B
709-1
709-1A
709-2
709-2A
709-2B
709-8P
709-8PA
OFF
OFF
ON
MOM
ON
MOM
MOM
OFF
OFF
ON
MOM
ON
MOM
MOM
ON
ON
ON
ON
MOM
ON
ON
ON
ON
MOM
OFF
OFF
NONE
NONE
NONE
NONE
OFF
OFF
OFF
NONE
NONE
NONE
NONE
OFF
OFF
OFF
NONE
NONE
OFF
OFF
OFF
NONE
NONE
OFF
OFF
OFF
NONE
NONE
ON
MOM
ON
ON
ON
ON
MOM
ON
MOM
ON
ON
ON
ON
MOM
ON
(ON)
ON
MOM
MOM
ON
(ON)
ON
MOM
MOM
ON
(ON)
OPEN
N/A
1-3
2-3
OPEN
2-1
OPEN
N/A
1-3,4-6
2-3,5-6
OPEN
2-1,5-4
2-3,5-6,8-9
OPEN
1-2,4-5,7-8
2-3,5-6
8-9,11-12
OPEN
1-2,4-5
7-8,10-11
OPEN
N/A
1-3,4-6
7-9,10-12
2 (COMM)
1
3
2 (COMM)
1
3
2 (COMM)
1
4
3
5
6
2 (COMM)
1
4
3
5
6
SP
DP
3P
4P
RoHS
SOLDERING
HOW TO ORDER
SWITCH FUNCTION


Similar Part No. - 708-1

ManufacturerPart #DatasheetDescription
logo
Qualtek Electronics Cor...
708-15-63 QUALTEK-708-15-63 Datasheet
300Kb / 1P
AC RECEPTACLE
708-15/63 QUALTEK-708-15/63 Datasheet
300Kb / 1P
AC RECEPTACLE
More results

Similar Description - 708-1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
10TL020 ETC2-10TL020 Datasheet
142Kb / 1P
Toggle Switches
logo
Carling Technologies
IK251-73 CARLINGTECH-IK251-73 Datasheet
59Kb / 1P
Toggle Switches
LT1561-130-012 CARLINGTECH-LT1561-130-012 Datasheet
812Kb / 2P
Toggle Switches
logo
List of Unclassifed Man...
1MD1T2B4M6RE ETC2-1MD1T2B4M6RE Datasheet
376Kb / 18P
Toggle Switches
7695K5 ETC2-7695K5 Datasheet
1Mb / 35P
Toggle Switches
7580K6 ETC2-7580K6 Datasheet
1Mb / 35P
Toggle Switches
7105A ETC2-7105A Datasheet
79Kb / 1P
toggle switches
9103A ETC2-9103A Datasheet
67Kb / 1P
Toggle Switches
logo
NTE Electronics
54-001 NTE-54-001 Datasheet
5Mb / 21P
Toggle Switches
54-020 NTE-54-020 Datasheet
5Mb / 21P
Toggle Switches
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com