Electronic Components Datasheet Search
  English  ▼

X  

LPOP703-H5 Datasheet(PDF) 1 Page - Apex Electronics Co., Ltd

Part # LPOP703-H5
Description  Pushbutton switch, 15amp at 125VAC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX-ELECTRONICS [Apex Electronics Co., Ltd]
Direct Link  https://apex-electronics.com/index.php
Logo APEX-ELECTRONICS - Apex Electronics Co., Ltd

LPOP703-H5 Datasheet(HTML) 1 Page - Apex Electronics Co., Ltd

  LPOP703-H5 Datasheet HTML 1Page - Apex Electronics Co., Ltd LPOP703-H5 Datasheet HTML 2Page - Apex Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2018 APEX Electronics Ltd. All rights reserved.
www.apex-electronics.com
LPOP Series
Pushbutton switch, 15amp at 125VAC
01
H1
H2
H3
H4
H5
SPST
LPOP703
LPOP703A
LPOP703B
ON
OFF
OFF
(ON)
ON
(OFF)
SPDT
LPOP704-1
LPOP704-1A
DPST
LPOP705
ON
OFF
LPOP705A
OFF
(ON)
ON
(OFF)
LPOP705B
LPOP706-1
LPOP706-1A
DPDT
ON
ON
ON
(ON)
1-3
1-3
1-3
1-2
1-2
2-3
2-3
1-3,4-6
1-3,4-6
1-3,4-6
1-2,4-5
2-3,5-6
1-2,4-5
2-3,5-6
NO.
POLES
MODEL
NO.
.280
7
.189
4.8
.189
4.8
.248
6.3
.405
10.3
.201
5.1
.268
6.8
.283
7.2
.363
9.2
.417
10.6
( )=MOMENTARY
POS.1
POS.2
POS.1
POS.2
SWITCH FUNCTION
CONNECTED TERMINALS
SPECIFICATION
Rating: 10A 250VAC,15A 125VAC
Insulation resistance: DC 500V 200M
or more
Contact resistance: DC 24V 1A 20m
or less
Withstand voltage: AC 1500V OR MORE
LPOP
TERMINATIONS: H1
H2
H3
H4
H5
MODEL NO.: 703
703A
703B
704-1
704-1A
705
705A
705B
706-1
706-1A
HOW TO ORDER
SWITCH FUNCTION
TERMINATION OPTIONS
ON
ON
ON
(ON)


Similar Part No. - LPOP703-H5

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
LPO14 EUROQUARTZ-LPO14 Datasheet
250Kb / 1P
14 pin DIL Low-Power Oscillator
LPO14-C4 EUROQUARTZ-LPO14-C4 Datasheet
165Kb / 1P
LOW POWER CONSUMPTION OSCILLATORS
LPO14-C7 EUROQUARTZ-LPO14-C7 Datasheet
157Kb / 1P
LOW POWER CONSUMPTION OSCILLATORS
logo
Coilcraft lnc.
LPO1704 COILCRAFT-LPO1704 Datasheet
113Kb / 2P
SMT Power Inductors
LPO1704-103ML COILCRAFT-LPO1704-103ML Datasheet
113Kb / 2P
SMT Power Inductors
More results

Similar Description - LPOP703-H5

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AP2D000SZBE ETC2-AP2D000SZBE Datasheet
374Kb / 6P
Industrial Pushbutton Switch
logo
GREATECS
RK188 GREATECS-RK188 Datasheet
171Kb / 1P
SP Rocker Switch up to 20A 125VAC (illuminated)
logo
Honeywell Accelerometer...
2PB11-T2 HONEYWELL-ACC-2PB11-T2 Datasheet
71Kb / 1P
ASSEMBLY-PUSHBUTTON SWITCH
logo
Omron Electronics LLC
A22-6DG OMRON-A22-6DG Datasheet
223Kb / 13P
Pushbutton Switch
A22LHW6A11M OMRON-A22LHW6A11M Datasheet
223Kb / 13P
Pushbutton Switch
A226AR OMRON-A226AR Datasheet
223Kb / 13P
Pushbutton Switch
A2201A OMRON-A2201A Datasheet
223Kb / 13P
Pushbutton Switch
logo
E-SWITCH
M309339 E-SWITCH-M309339 Datasheet
209Kb / 1P
RATING: 15A @125VAC;
logo
C&K Components
APB CK-COMPONENTS-APB Datasheet
530Kb / 4P
Backlit Pushbutton Switch
AP CK-COMPONENTS-AP_V02 Datasheet
1Mb / 10P
Industrial Pushbutton Switch
28 Jul 21
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com