Electronic Components Datasheet Search
  English  ▼

X  

MCR03EZPFX Datasheet(PDF) 4 Page - Rohm

Part # MCR03EZPFX
Description  Thick film rectangular resistors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

MCR03EZPFX Datasheet(HTML) 4 Page - Rohm

  MCR03EZPFX Datasheet HTML 1Page - Rohm MCR03EZPFX Datasheet HTML 2Page - Rohm MCR03EZPFX Datasheet HTML 3Page - Rohm MCR03EZPFX Datasheet HTML 4Page - Rohm MCR03EZPFX Datasheet HTML 5Page - Rohm MCR03EZPFX Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MCR03
Resistors
Rev.D
4/5
Part designation
Packaging Specifications Code
C
MR 0
P
EZ
J
EZP
MCR03
5,000
Resistance tolerance
Part No.
Nominal resistance
3
φ180mm (7in.)
Paper tape (4mm Pitch)
FX
±1%
D
±0.5%
J
D,FX
J
:
:
4 digits
3 digits
±5%
Resistance code, 3 or 4 digits.
000 denotes jumper type.
Resistance
tolerance
Resistance
code
J is also used
for jumper
Part No.
Resistance tolerance
J(
±5%)
Code
F(
±1%) D(±0.5%)
Packaging specifications
Reel
Basic ordering unit (pcs)
Reel (
φ180) : JEITA ET-7200B
: Standard product
Dimensions
1.40
1.45
1.50
1.55
1.60
1.65
1.70
1.75
1.80
1
10
100
1k
10k 100k 1M 10M
RESISTANCE
(
Ω)
JIS C 5201-1 4.4.2
SAMPLE SIZE : n
=20pcs
MICROMETER
Fig.2 Dimensions (length)
0.60
0.65
0.70
0.75
0.80
0.85
0.90
0.95
1.00
1
10
100
1k
10k 100k 1M 10M
RESISTANCE
(
Ω)
JIS C 5201-1 4.4.2
SAMPLE SIZE : n
=20pcs
MICROMETER
Fig.3 Dimensions (width)
0.25
0.30
0.35
0.40
0.45
0.50
0.55
0.60
0.65
1
10
100
1k
10k 100k 1M 10M
RESISTANCE
(
Ω)
JIS C 5201-1 4.4.2
SAMPLE SIZE : n
=20pcs
MICROMETER
Fig.4 Dimensions (thickness)
Electrical characteristics
1
10
100
1k
10k 100k 1M 10M
RESISTANCE
(
Ω)
JIS C 5201-1 4.5
SAMPLE SIZE : n
=20pcs
20
°C 65%RH
−6.0
−4.0
−2.0
0
2.0
4.0
6.0
Fig.5 Resistance
−900
−700
−500
−300
−100
100
300
500
700
900
1
10
100
1k
10k 100k 1M 10M
RESISTANCE
(
Ω)
JIS C 5201-1 4.8
SAMPLE SIZE : n
=10pcs
25
°C / −55°C
25
°C / 125°C
Fig.6 Variation of resistance with
temperature
−5.0
−4.0
−3.0
−2.0
−1.0
0
1.0
2.0
3.0
5.0
4.0
1
10
100
1k
10k 100k 1M 10M
RESISTANCE
(
Ω)
JIS C 5201-1 4.13
SAMPLE SIZE : n
=10pcs
RATED VOLTAGE
×2.5
TIMES : 2s
MAXIMUM OVERLOAD VOLTAGE : 100V
Fig.7 Overload



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com