Electronic Components Datasheet Search
  English  ▼

X  

1069315 Datasheet(PDF) 10 Page - PHOENIX CONTACT

Part # 1069315
Description  M23-12P2N8A8003 - Cable connector
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1069315 Datasheet(HTML) 10 Page - PHOENIX CONTACT

Back Button 1069315 Datasheet HTML 6Page - PHOENIX CONTACT 1069315 Datasheet HTML 7Page - PHOENIX CONTACT 1069315 Datasheet HTML 8Page - PHOENIX CONTACT 1069315 Datasheet HTML 9Page - PHOENIX CONTACT 1069315 Datasheet HTML 10Page - PHOENIX CONTACT 1069315 Datasheet HTML 11Page - PHOENIX CONTACT 1069315 Datasheet HTML 12Page - PHOENIX CONTACT 1069315 Datasheet HTML 13Page - PHOENIX CONTACT 1069315 Datasheet HTML 14Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
RF-Z0007 - Special wrench
1614347
https://www.phoenixcontact.com/us/products/1614347
Special wrench, series: RF
RC-11P2000 - Crimp contact
1596770
https://www.phoenixcontact.com/us/products/1596770
Crimp contact, Pin, turned, Single contact, contact diameter: 1 mm, crimp range:
0.08 mm2 ... 0.22 mm2, Contact release tool not necessary for the 12- and 17-
pos. crimp versions of the M23-PRO series, Alternative product in accordance
with RoHS II without Exemption 6c (Pb < 0.1 %) item no.: 1240882
M23-12P2N8A8003 - Cable connector
1069315
https://www.phoenixcontact.com/us/products/1069315
Apr 19, 2024, 6:11 AM
Page 10 (16)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com