Electronic Components Datasheet Search
  English  ▼

X  

7806 Datasheet(PDF) 2 Page - Silicon Supplies

Part # 7806
Description  Linear Voltage Regulator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

7806 Datasheet(HTML) 2 Page - Silicon Supplies

  7806 Datasheet HTML 1Page - Silicon Supplies 7806 Datasheet HTML 2Page - Silicon Supplies 7806 Datasheet HTML 3Page - Silicon Supplies 7806 Datasheet HTML 4Page - Silicon Supplies 7806 Datasheet HTML 5Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Page 2 of 5
www.siliconsupplies.com
d
Linear Voltage Regulator – 7806
Rev 1.1
19/02/24
Pad Layout and Functions
Typical Application
VOUT
7806
CI
0.33µf
CO
≥0.1µf
VIN
CI is required if the regulator is located an appreciable distance from power supply filter. CO is not required for stability; however it does improve
transient response. For optimum stability and transient response locate CI CO as close as possible to the regulator. A common ground is required
between the input and the output voltages. The input voltage must remain typically 2.0 V above the output voltage even during the low point on the
input ripple voltage.
3, 4
2
1
1400µm (55.11 mils)
2
(0,0)
3
4
1
COORDINATES (µm)
PAD
FUNCTION
X
Y
1
VIN
-610
247
2
GND
-610
-626
3
VOUT
372
-560
4
VOUT
372
247
CONNECT CHIP BACK TO GND



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com