Electronic Components Datasheet Search
  English  ▼

X  

41-01012 Datasheet(PDF) 1 Page - CONEC Elektronische Bauelemente GmbH

Part # 41-01012
Description  Male connector 7/82 axial
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEC [CONEC Elektronische Bauelemente GmbH]
Direct Link  http://www.conec.com
Logo CONEC - CONEC Elektronische Bauelemente GmbH

41-01012 Datasheet(HTML) 1 Page - CONEC Elektronische Bauelemente GmbH

  41-01012 Datasheet HTML 1Page - CONEC Elektronische Bauelemente GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A
dim. in mm
R
R
R
R
drawn
THIS DRAWING MAY NOT BE COPIED OR REPRODUCED IN ANY WAY, AND
MAY NOT BE PASSED ON TO A THIRD PARTY WITHOUT WRITTEN PERMISSION.
OWNERSHIP AND COPYRIGHT OF CONEC GmbH
appd.
tolerance of cable:
title:
dwg no:
part no:
name
date
41K1A316
Mankopf
19.10.07
19.10.07
Franz
L <= 4m: L + 40mm
L > 4m: L + 1%
Male connector 7/82 axial
see table
Index: b 10.02.11 VF Ä3891
cable type changed, technical specification
changed, part no. cable in table added,
neutral line added
general tolerance:
0
0,0
0,00
± 0,50mm
± 0,25mm
± 0,10mm
A
D see data sheet cable
Technical specification:
Rated voltage:
IEC 60664-1
Overvoltage category:
IEC 60664-1
Overvoltage:
IEC 60664-1
Current rating:
IEC 60512-3 at 40°C
Insulation resistance:
IEC 60512
Pollution degree:
IEC 60664-1
Degree of protection:
IEC 60529
Temperature range:
IEC 60664-1
Mating cycles:
IEC 60512-9a
Termination:
300 V
2
2,7 kV
0,75mm²
1,5mm²
8 A
12 A
>=100 M
3/2
IP 68, in mated
condition
-30°C ... +80°C
>=100
crimped
Materials:
Contact:
Contact plating:
Contact carrier:
Coupling screw:
Moulding body:
CuZn
Nickel, gold plated
TPU, UL 94
CuZn, nickel plated
TPU, UL 94, grey
Description:
SAL - 7/8 - RS2PE - 2 / K0
SAL - 7/8 - RS2PE - 3 / K0
SAL - 7/8 - RS2PE - 5 / K0
SAL - 7/8 - RS2PE - 10 / K0
SAL - 7/8 - RS2PE - ... / K0
Cable:
Part no:
41-01012
41-01013
41-01014
41-01015
41-xxxxx
TPU, UL 20940,
black, 3x0,75mm²
Cable: 781-K07300
Length L:
2m
3m
5m
10m
x
TPU, UL 20940,
black, 3x1,50mm²
Cable: 781-K08300
2m
3m
5m
10m
x
SAL - 7/8 - RS2PE - 2 / K0 / 150
SAL - 7/8 - RS2PE - 3 / K0 / 150
SAL - 7/8 - RS2PE - 5 / K0 / 150
SAL - 7/8 - RS2PE - 10 / K0 / 150
SAL - 7/8 - RS2PE - ... / K0 / 150
41-01109
41-01110
41-01111
41-01112
41-xxxxx
green-yellow
brown
blue
Contact assignment:
PE
2
3
D
7/8" - 16UN
26
Ø
n19
PE
3
2


Similar Part No. - 41-01012

ManufacturerPart #DatasheetDescription
logo
CONEC Elektronische Bau...
41-01010 CONEC-41-01010 Datasheet
976Kb / 1P
Stecker 7/8" axial
19.10.07
41-01011 CONEC-41-01011 Datasheet
976Kb / 1P
Stecker 7/8" axial
19.10.07
41-01016 CONEC-41-01016 Datasheet
1Mb / 1P
Female connector 7/8" angled
11.10.07
41-01017 CONEC-41-01017 Datasheet
1Mb / 1P
Female connector 7/8" angled
11.10.07
41-01018 CONEC-41-01018 Datasheet
1Mb / 1P
Female connector 7/8" angled
11.10.07
More results

Similar Description - 41-01012

ManufacturerPart #DatasheetDescription
logo
CONEC Elektronische Bau...
41-00004 CONEC-41-00004 Datasheet
182Kb / 1P
Male connector 7/8", 2posPE
41-00005 CONEC-41-00005 Datasheet
184Kb / 1P
Male connector 7/8", 4pos
41-00006 CONEC-41-00006 Datasheet
184Kb / 1P
Male connector 7/8", 4posPE
logo
Pasternack Enterprises,...
PE9555 PASTERNACK-PE9555 Datasheet
249Kb / 3P
7/16 DIN Male to 7/16 DIN Male Adapter
PE9637 PASTERNACK-PE9637 Datasheet
79Kb / 1P
7/16 MALE TO TNC MALE
PE3185LF PASTERNACK-PE3185LF Datasheet
149Kb / 1P
CABLE ASSEMBLY RG21/U 7/16 MALE TO 7/16 MALE
logo
Rosenberger Hochfrequen...
SLJ38SF-60M64M-X-00_DB ROSENBERGER-SLJ38SF-60M64M-X-00_DB Datasheet
79Kb / 2P
7-16 MALE / 4.3-10 MALE
SLJ12SF-60M64M-X-00_DB ROSENBERGER-SLJ12SF-60M64M-X-00_DB Datasheet
541Kb / 2P
7-16 MALE / 4.3-10 MALE
SLJ14SP-60M64M-X-00 ROSENBERGER-SLJ14SP-60M64M-X-00 Datasheet
541Kb / 2P
7-16 MALE / 4.3-10 MALE
SLJ12RF-60M60M-X-00 ROSENBERGER-SLJ12RF-60M60M-X-00 Datasheet
541Kb / 2P
1/2??JUMPER 7-16 MALE / 7-16 MALE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com