Electronic Components Datasheet Search
  English  ▼

X  

41-01018 Datasheet(PDF) 1 Page - CONEC Elektronische Bauelemente GmbH

Part # 41-01018
Description  Female connector 7/8" angled
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEC [CONEC Elektronische Bauelemente GmbH]
Direct Link  http://www.conec.com
Logo CONEC - CONEC Elektronische Bauelemente GmbH

41-01018 Datasheet(HTML) 1 Page - CONEC Elektronische Bauelemente GmbH

  41-01018 Datasheet HTML 1Page - CONEC Elektronische Bauelemente GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A
dim. in mm
R
R
R
R
drawn
THIS DRAWING MAY NOT BE COPIED OR REPRODUCED IN ANY WAY, AND
MAY NOT BE PASSED ON TO A THIRD PARTY WITHOUT WRITTEN PERMISSION.
OWNERSHIP AND COPYRIGHT OF CONEC GmbH
appd.
tolerance of cable:
title:
dwg no:
part no:
name
date
41K1A309
Franz
11.10.07
11.10.07
Mankopf
L <= 4m: L + 40mm
L > 4m: L + 1%
Female connector 7/8" angled
see table
Index: b 02.02.11 VF Ä3891
cable type changed, technical specification
changed, part no. cable in table added,
neutral line added
general tolerance:
0
0,0
0,00
± 0,50mm
± 0,25mm
± 0,10mm
D see data sheet cable
A
Technical specification:
Rated voltage:
IEC 60664-1
Overvoltage category:
IEC 60664-1
Overvoltage:
IEC 60664-1
Current rating:
IEC 60512-3 at 40°C
Insulation resistance:
IEC 60512
Pollution degree:
IEC 60664-1
Degree of protection:
IEC 60529
Temperature range:
IEC 60664-1
Mating cycles:
IEC 60512-9a
Termination:
300 V
2
2,7 kV
0,75mm²
1,5mm²
8 A
12 A
>=100 M
3/2
IP 68, in mated
condition
-30°C ... +80°C
>=100
crimped
Materials:
Contact:
Contact plating:
Contact carrier:
Coupling nut:
Moulding body:
CuZn
Nickel, gold plated
TPU, UL 94
CuZn, nickel plated
TPU, UL 94, grey
Description:
SAL - 7/8 - RKW2PE - 2 / A6
SAL - 7/8 - RKW2PE - 3 / A6
SAL - 7/8 - RKW2PE - 5 / A6
SAL - 7/8 - RKW2PE - 10 / A6
SAL - 7/8 - RKW2PE - ... / A6
Cable:
Part no:
41-01016
41-01017
41-01018
41-01019
41-xxxxx
PVC, UL 20207,
grey, 3x0,75mm²
Cable: 781-A67300
Length L:
2m
3m
5m
10m
x
PVC, UL 20207,
grey, 3x1,50mm²
Cable: 781-A68300
2m
3m
5m
10m
x
SAL - 7/8 - RKW2PE - 2 / A6 / 150
SAL - 7/8 - RKW2PE - 3 / A6 / 150
SAL - 7/8 - RKW2PE - 5 / A6 / 150
SAL - 7/8 - RKW2PE - 10 / A6 / 150
SAL - 7/8 - RKW2PE - ... / A6 / 150
41-01113
41-01114
41-01115
41-01116
41-xxxxx
green-yellow
brown
blue
Contact assignment:
PE
2
3
D
n19
41
3
2
PE


Similar Part No. - 41-01018

ManufacturerPart #DatasheetDescription
logo
CONEC Elektronische Bau...
41-01010 CONEC-41-01010 Datasheet
976Kb / 1P
Stecker 7/8" axial
19.10.07
41-01011 CONEC-41-01011 Datasheet
976Kb / 1P
Stecker 7/8" axial
19.10.07
41-01012 CONEC-41-01012 Datasheet
866Kb / 1P
Male connector 7/82 axial
19.10.07
41-01013 CONEC-41-01013 Datasheet
866Kb / 1P
Male connector 7/82 axial
19.10.07
41-01014 CONEC-41-01014 Datasheet
866Kb / 1P
Male connector 7/82 axial
19.10.07
More results

Similar Description - 41-01018

ManufacturerPart #DatasheetDescription
logo
SHIELD s.r.l.
HDMF00201 SHIELD-HDMF00201 Datasheet
293Kb / 2P
7/8 with cable, angled
logo
CONEC Elektronische Bau...
41-00001 CONEC-41-00001 Datasheet
183Kb / 1P
Female connector 7/8", 2posPE
41-00002 CONEC-41-00002 Datasheet
185Kb / 1P
Female connector 7/8", 4pos
41-00003 CONEC-41-00003 Datasheet
187Kb / 1P
Female connector 7/8", 4posPE
logo
Alpha Wire
KR0300113 ALPHAWIRE-KR0300113 Datasheet
132Kb / 2P
Mini Female 7/8?
KR0400108 ALPHAWIRE-KR0400108 Datasheet
133Kb / 2P
Mini Female 7/8?
KR0500109 ALPHAWIRE-KR0500109 Datasheet
132Kb / 2P
Mini Female 7/8?
KR0500115 ALPHAWIRE-KR0500115 Datasheet
134Kb / 2P
Mini Female 7/8?
logo
WAGO Kontakttechnik Gmb...
787-6716-9600-000 WAGO-787-6716-9600-000 Datasheet
75Kb / 3P
Pluggable connector, 7/8 inch; 7/8 inch; 5-pole; Plug, angled
787-6716-9800-000 WAGO-787-6716-9800-000 Datasheet
57Kb / 3P
Pluggable connector, 7/8 inch; 7/8 inch; 5-pole; Socket, angled
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com