Electronic Components Datasheet Search
  English  ▼

X  

41-01059 Datasheet(PDF) 1 Page - CONEC Elektronische Bauelemente GmbH

Part # 41-01059
Description  Male connector 7/8", angled
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEC [CONEC Elektronische Bauelemente GmbH]
Direct Link  http://www.conec.com
Logo CONEC - CONEC Elektronische Bauelemente GmbH

41-01059 Datasheet(HTML) 1 Page - CONEC Elektronische Bauelemente GmbH

  41-01059 Datasheet HTML 1Page - CONEC Elektronische Bauelemente GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A
scale
/Maßstab:
tolerance of cable/
Kabeltoleranz:
0
0,0
0,00
L <= 4 m: L + 40 mm
L > 4 m: L + 1 %
∢
± 0,50 mm
± 0,25 mm
± 0,10 mm
± 5°
10.10.07
10.10.07
Mankopf
Name
Franz
R
dim. in mm
41K1A307
dwg no /
Z.-nr.:
RoHS compliant/konform
Date/Datum
general tolerance/
Allgemeintoleranz:
appd./
gepr.
drawn/
gez.
DIN-
A4
Male connector 7/8", angled
Stecker 7/8", gewinkelt
Index:
e Ä21-0343 20.10.21 RBÖ
1 / 1
A
Materials/
Werkstoffe:
Contact/
Kontakt:
CuZn, Ni, Au gal.
Moulding body/
Griffkörper:
TPU, UL 94 HB,
grey/ grau
Contact carrier/
Kontaktträger:
TPU, UL 94 HB
Coupling screw/
Überwurfschraube:
CuZn, Ni
Temperatur range/
Umgebungstemperatur:
-25 °C ... +80 °C
Cable specification/
Kabeleigenschaften:
Technical specification/
Technische Daten:
Overvoltage category/
Überspannungskategorie:
IEC 60664-1
Overvoltage/
Bemessungsstoßspannung:
IEC 60664-1
Rated Voltage/
Bemessungsspannung:
IEC 60664-1
300 V AC / 300 V DC
3/2
2,7 kV
>=100 M
Ö
2
Current rating/
Strombelastbarkeit:
IEC 60512-3
Temperature range/
Umgebungstemperatur:
Insulation resistance/
Isolationswiderstand:
IEC 60512
at/ bei 40 °C
0,75 mm²:
8 A
1,50 mm²: 12 A
>=100
-25 °C ... +80 °C
Pollution degree/
Verschmutzungsgrad:
IEC 60664-1
IP 68, in mated condition/
im verschraubten Zustand
Degree of protection/
Schutzart:
IEC 60529
Termination/
Anschlussart:
crimped/
gecrimpt
Mating cycles/
Steckzyklen:
IEC 60512-9a
n19
42
Description/
Bezeichnung:
Cable/
Kabel:
Part no/
Art.-Nr.:
41-01056
41-01057
41-01058
41-01059
41-xxxxx
SAL - 7/8 - RSW4 - 2 / A3
SAL - 7/8 - RSW4 - 3 / A3
SAL - 7/8 - RSW4 - 5 / A3
SAL - 7/8 - RSW4 - 10 / A3
SAL - 7/8 - RSW4 - ... / A3
PVC, UL 2464,
grey/ grau,
4x0,75 mm²,
LiYY
Cable/ Kabel:
781-A37400
Length L/
Länge L:
2 m
3 m
5 m
10 m
x
41-01153
41-01154
41-01155
41-01156
41-xxxxx
SAL - 7/8 - RSW4 - 2 / A3 / 150
SAL - 7/8 - RSW4 - 3 / A3 / 150
SAL - 7/8 - RSW4 - 5 / A3 / 150
SAL - 7/8 - RSW4 - 10 / A3 / 150
SAL - 7/8 - RSW4 - ... / A3 / 150
2 m
3 m
5 m
10 m
x
PVC, UL 2464,
grey/ grau,
4x1,50 mm²,
LiYY
Cable/ Kabel:
781-A3840G
2
1
4
3
brown/ braun
white/ weiß
blue/ blau
black/ schwarz
1
2
3
4
Contact assignment/
Kontaktbelegung:


Similar Part No. - 41-01059

ManufacturerPart #DatasheetDescription
logo
CONEC Elektronische Bau...
41-01050 CONEC-41-01050 Datasheet
389Kb / 1P
Female connector 7/8", angled
10.10.07
41-01051 CONEC-41-01051 Datasheet
389Kb / 1P
Female connector 7/8", angled
10.10.07
41-01052 CONEC-41-01052 Datasheet
389Kb / 1P
Female connector 7/8", angled
10.10.07
41-01053 CONEC-41-01053 Datasheet
389Kb / 1P
Female connector 7/8", angled
10.10.07
41-01054 CONEC-41-01054 Datasheet
389Kb / 1P
Female connector 7/8", angled
10.10.07
More results

Similar Description - 41-01059

ManufacturerPart #DatasheetDescription
logo
SHIELD s.r.l.
HDMF00201 SHIELD-HDMF00201 Datasheet
293Kb / 2P
7/8 with cable, angled
logo
CONEC Elektronische Bau...
41-00004 CONEC-41-00004 Datasheet
182Kb / 1P
Male connector 7/8", 2posPE
41-00005 CONEC-41-00005 Datasheet
184Kb / 1P
Male connector 7/8", 4pos
41-00006 CONEC-41-00006 Datasheet
184Kb / 1P
Male connector 7/8", 4posPE
logo
Alpha Wire
LR0300107 ALPHAWIRE-LR0300107 Datasheet
131Kb / 2P
Mini Male 7/8?
LR0300113 ALPHAWIRE-LR0300113 Datasheet
131Kb / 2P
Mini Male 7/8?
LR0400108 ALPHAWIRE-LR0400108 Datasheet
132Kb / 2P
Mini Male 7/8?
LR0500109 ALPHAWIRE-LR0500109 Datasheet
131Kb / 2P
Mini Male 7/8?
logo
WAGO Kontakttechnik Gmb...
787-6716-9600-000 WAGO-787-6716-9600-000 Datasheet
75Kb / 3P
Pluggable connector, 7/8 inch; 7/8 inch; 5-pole; Plug, angled
787-6716-9800-000 WAGO-787-6716-9800-000 Datasheet
57Kb / 3P
Pluggable connector, 7/8 inch; 7/8 inch; 5-pole; Socket, angled
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com