Electronic Components Datasheet Search
  English  ▼

X  

123NQ080 Datasheet(PDF) 4 Page - SMC Diode Solutions Co. LTD

Part # 123NQ080
Description  SCHOTTKY RECTIFIER The top
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD

123NQ080 Datasheet(HTML) 4 Page - SMC Diode Solutions Co. LTD

  123NQ080 Datasheet HTML 1Page - SMC Diode Solutions Co. LTD 123NQ080 Datasheet HTML 2Page - SMC Diode Solutions Co. LTD 123NQ080 Datasheet HTML 3Page - SMC Diode Solutions Co. LTD 123NQ080 Datasheet HTML 4Page - SMC Diode Solutions Co. LTD 123NQ080 Datasheet HTML 5Page - SMC Diode Solutions Co. LTD  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Technical Data
Data Sheet N1161, Rev. B
China - Germany - Korea - Singapore - United States 
http://www.smc-diodes.com - sales@ smc-diodes.com 
123NQ080/R-1
123NQ100/R-1
Ordering Information
Marking Diagram
Device
Package
Shipping
123NQ SERIES
PRM1-1(Pb-Free)
27pcs/ box
Mechanical Dimensions PRM1-1 (Inches/Millimeters)
SYMBOL
Millimeters
Inches
Min.
Max.
Min.
Max.
A
29.35
30.95
1.155
1.219
B
24.77
26.04
0.975
1.026
C
1.79
2.19
0.070
0.087
D
3.73
4.24
0.146
0.167
E
3.73
4.24
0.146
0.167
F
18.42
19.69
0.725
0.775
G
18.55
19.55
0.730
0.770
H
13.59
14.47
0.535
70.500
I
3.05
3.90
0.120
0.154
J
14.87
15.87
0.585
0.625
K
38.61
39.62
1.520
1.560
Where XXXX is YYWW
1st row SS YYWW
2nd row 123NQ080-1
SS
= SS
YY
= Year
WW
= Week
Cautions:Molding resin
Epoxy resin UL:94V-0



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com