Electronic Components Datasheet Search
  English  ▼

X  

124NQ Datasheet(PDF) 1 Page - SMC Diode Solutions Co. LTD

Part # 124NQ
Description  SCHOTTKY RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD

124NQ Datasheet(HTML) 1 Page - SMC Diode Solutions Co. LTD

  124NQ Datasheet HTML 1Page - SMC Diode Solutions Co. LTD 124NQ Datasheet HTML 2Page - SMC Diode Solutions Co. LTD 124NQ Datasheet HTML 3Page - SMC Diode Solutions Co. LTD 124NQ Datasheet HTML 4Page - SMC Diode Solutions Co. LTD 124NQ Datasheet HTML 5Page - SMC Diode Solutions Co. LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Technical Data
Data Sheet N1163, Rev. A
China - Germany - Korea - Singapore - United States 
http://www.smc-diodes.com - sales@ smc-diodes.com 
124NQ.../R-1
124NQ035/R-1 124NQ040/R-1 124NQ045/R-1
SCHOTTKY RECTIFIER
The top side is terminal, the bottom side is base plate.
Characteristics
Symbol
Condition
Max.
Units
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
-
35 124NQ035(R)-1
V
40 124NQ040(R)-1
45 124NQ045(R)-1
Average Forward Current
IF(AV)
50% duty cycle @TC =76°C,
rectangular wave form
120
A
Peak One Cycle Non-Repetitive
Surge Current
IFSM
8.3 ms, half Sine pulse
2880
A
Non-Repetitive Avalanche Energy
EAS
TJ=25℃,IAS=20A,L=0.67mH
135
mJ
Repetitive Avalanche Current
IAR
Current decaying linearly to zero in 1
μsec Frequency limited by TJ max.
VA=1.5×VR typical
20
A
Features
Circuit Diagram
Applications
Maximum Ratings(limiting values, at 25 °C unless otherwise specified)
125℃ TJ operation
Unique high power, Half-Pak module
High purity, high temperature epoxy encapsulation
for enhanced
mechanical strength and moisture resistance
Low forward voltage drop
High frequency operation
Guard ring for enhanced ruggedness and long term reliability
Base plate: Nickel plated; Terminals: Nickel plated
This is a Pb − Free Device
All SMC parts are traceable to the wafer lot
Additional testing can be offered upon request
PRM1-1(HALF PAK Module)
Switching power supply
Converters
Free-Wheeling diodes
Reverse battery protection
124NQ...-1
124NQ...R-1


Similar Part No. - 124NQ

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
124NQ-1 SMC-124NQ-1 Datasheet
217Kb / 4P
High frequency operation
logo
Microsemi Corporation
124NQ035 MICROSEMI-124NQ035 Datasheet
117Kb / 2P
120 Amp Schottky Rectifier
logo
Sangdest Microelectroni...
124NQ035-1 SMC-124NQ035-1 Datasheet
217Kb / 4P
SCHOTTKY RECTIFIER
124NQ035-1 SMC-124NQ035-1 Datasheet
217Kb / 4P
High frequency operation
logo
Microsemi Corporation
124NQ040 MICROSEMI-124NQ040 Datasheet
117Kb / 2P
120 Amp Schottky Rectifier
More results

Similar Description - 124NQ

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS130A STMICROELECTRONICS-STPS130A Datasheet
72Kb / 6P
SCHOTTKY RECTIFIER
Jul-1998
logo
International Rectifier
30CTQ80G IRF-30CTQ80G Datasheet
163Kb / 6P
SCHOTTKY RECTIFIER
MBR40L15CW IRF-MBR40L15CW_06 Datasheet
199Kb / 6P
SCHOTTKY RECTIFIER
MBRS140TRPBF IRF-MBRS140TRPBF Datasheet
131Kb / 7P
SCHOTTKY RECTIFIER
MBRS190TRPBF IRF-MBRS190TRPBF Datasheet
115Kb / 6P
SCHOTTKY RECTIFIER
30WQ10FNPBF IRF-30WQ10FNPBF Datasheet
174Kb / 7P
SCHOTTKY RECTIFIER
322CNQ030 IRF-322CNQ030_03 Datasheet
114Kb / 5P
SCHOTTKY RECTIFIER
logo
AUK corp
SDB2040PI AUK-SDB2040PI Datasheet
303Kb / 4P
Schottky Rectifier
logo
International Rectifier
10BQ060PBF IRF-10BQ060PBF Datasheet
115Kb / 6P
SCHOTTKY RECTIFIER
MBRB1035PBF IRF-MBRB1035PBF Datasheet
201Kb / 7P
SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com