Electronic Components Datasheet Search
  English  ▼

X  

151CMQ040 Datasheet(PDF) 1 Page - SMC Diode Solutions Co. LTD

Part # 151CMQ040
Description  SERIES SCHOTTKY RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD

151CMQ040 Datasheet(HTML) 1 Page - SMC Diode Solutions Co. LTD

  151CMQ040 Datasheet HTML 1Page - SMC Diode Solutions Co. LTD 151CMQ040 Datasheet HTML 2Page - SMC Diode Solutions Co. LTD 151CMQ040 Datasheet HTML 3Page - SMC Diode Solutions Co. LTD 151CMQ040 Datasheet HTML 4Page - SMC Diode Solutions Co. LTD 151CMQ040 Datasheet HTML 5Page - SMC Diode Solutions Co. LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Technical Data
Data Sheet N1179, Rev. A
China - Germany - Korea - Singapore - United States 
http://www.smc-diodes.com - sales@ smc-diodes.com 
151CMQ...SERIES
151CMQ…SERIES SCHOTTKY RECTIFIER
Features
Schematic & Pin Configuration
Applications
Maximum Ratings (limiting values, at 25 °C unless otherwise specified)
Characteristics
Symbol
Condition
Max.
Units
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
-
35
151CMQ035
V
40
151CMQ040
45
151CMQ045
Average Rectified Forward Current
IF (AV)
50% duty cycle @TC =71°C,
rectangular wave form
75(Per Leg)
A
150(Per Device)
Peak One Cycle Non-Repetitive Surge
Current
IFSM
8.3 ms, half Sine pulse
1440
A
Non-Repetitive Avalanche Energy
(Peg Leg)
EAS
TJ=25℃,IAS=15A,L=0.9mH
101
mJ
Repetitive Avalanche Current(Peg Leg)
IAR
Current decaying linearly to zero in
1 μsec Frequency limited by TJ
max. VA=1.5×VR typical
15
A
175 C TJ operation
Isolated heatsink
Multiple leads per terminal for high frequency, high
current PC board mounting
Low profile, high current package
Center tap module
Low forward voltage drop
High purity, high temperature epoxy encapsulation for
enhanced mechanical strength and moisture resistance
High frequency operation
Guard ring for enhanced ruggedness and long term reliability
Base plate: Nickel plated; Terminals: Nickel plated
This is a Pb − Free Device
All SMC parts are traceable to the wafer lot
Additional testing can be offered upon request
TO-249(9Pin)
Switching power supply
Converters
Free-Wheeling diodes
Reverse battery protection


Similar Part No. - 151CMQ040

ManufacturerPart #DatasheetDescription
logo
International Rectifier
151CMQ040 IRF-151CMQ040 Datasheet
102Kb / 5P
SCHOTTKY RECTIFIER
logo
Microsemi Corporation
151CMQ040 MICROSEMI-151CMQ040 Datasheet
121Kb / 2P
Schottky Powermod
More results

Similar Description - 151CMQ040

ManufacturerPart #DatasheetDescription
logo
International Rectifier
16SCYQ045C IRF-16SCYQ045C Datasheet
44Kb / 4P
SCHOTTKY RECTIFIER HIGH EFFICIENCY SERIES
logo
List of Unclassifed Man...
150CMQ035 ETC1-150CMQ035 Datasheet
109Kb / 3P
150CMQ SERIES SCHOTTKY RECTIFIER
logo
International Rectifier
16CYQ150C IRF-16CYQ150C Datasheet
58Kb / 4P
SCHOTTKY RECTIFIER HIGH EFFICIENCY SERIES
16JYQ100C IRF-16JYQ100C Datasheet
102Kb / 4P
SCHOTTKY RECTIFIER HIGH EFFICIENCY SERIES
10YQ045C IRF-10YQ045C Datasheet
108Kb / 4P
SCHOTTKY RECTIFIER HIGH EFFICIENCY SERIES
120LQ100 IRF-120LQ100 Datasheet
51Kb / 4P
SCHOTTKY RECTIFIER HIGH EFFICIENCY SERIES
16SYQ030C IRF-16SYQ030C Datasheet
52Kb / 4P
SCHOTTKY RECTIFIER HIGH EFFICIENCY SERIES
16SCYQ045CSCS IRF-16SCYQ045CSCS Datasheet
53Kb / 4P
SCHOTTKY RECTIFIER HIGH EFFICIENCY SERIES
45CKQ100 IRF-45CKQ100 Datasheet
305Kb / 4P
SCHOTTKY RECTIFIER HIGH EFFICIENCY SERIES
logo
Sangdest Microelectroni...
300CMQ SMC-300CMQ_15 Datasheet
216Kb / 4P
SERIES SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com