Electronic Components Datasheet Search
  English  ▼

X  

2000-1302 Datasheet(PDF) 1 Page - WAGO Kontakttechnik GmbH & Co. KG

Part # 2000-1302
Description  Data sheet | Item number: 2000-1302 3-conductor through terminal block; 1 mm²; suitable for Ex e II applications; side and center marking; for DIN-rail 35 x 15 and 35 x 7.5; Push-in CAGE CLAMP®; 1,00 mm²; orange
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WAGO [WAGO Kontakttechnik GmbH & Co. KG]
Direct Link  https://www.wago.com/global/
Logo WAGO - WAGO Kontakttechnik GmbH & Co. KG

2000-1302 Datasheet(HTML) 1 Page - WAGO Kontakttechnik GmbH & Co. KG

  2000-1302 Datasheet HTML 1Page - WAGO Kontakttechnik GmbH & Co. KG 2000-1302 Datasheet HTML 2Page - WAGO Kontakttechnik GmbH & Co. KG 2000-1302 Datasheet HTML 3Page - WAGO Kontakttechnik GmbH & Co. KG 2000-1302 Datasheet HTML 4Page - WAGO Kontakttechnik GmbH & Co. KG 2000-1302 Datasheet HTML 5Page - WAGO Kontakttechnik GmbH & Co. KG 2000-1302 Datasheet HTML 6Page - WAGO Kontakttechnik GmbH & Co. KG 2000-1302 Datasheet HTML 7Page - WAGO Kontakttechnik GmbH & Co. KG 2000-1302 Datasheet HTML 8Page - WAGO Kontakttechnik GmbH & Co. KG 2000-1302 Datasheet HTML 9Page - WAGO Kontakttechnik GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
Data sheet | Item number: 2000-1302
3-conductor through terminal block; 1 mm²; suitable for Ex e II applications;
side and center marking; for DIN-rail 35 x 15 and 35 x 7.5; Push-in CAGE
CLAMP®; 1,00 mm²; orange
www.wago.com/2000-1302
Subject to changes. Please also observe the further product documentation!
WAGO GmbH & Co. KG
Hansastr. 27
32423 Minden
Phone: +49571 887-0 | Fax: +49571 887-169
Email: info.de@wago.com | Web: www.wago.com
Do you have any questions about our products?
We are always happy to take your call at +49 (571) 887-44222.
24.11.2021    Page /
1 18
i
Picture differs from the item.
Color:
Data
Electrical data
Ratings per IEC/EN
Ratings per
IEC/EN 60947-7-1
Nominal voltage (III/3)
800 V
 
Rated surge voltage (III/3)
8 kV
 
Rated current
13.5 A
 
Rated current 2
17.5 A
 
Legend (ratings)
(III / 3) ≙ Overvoltage category III / Pollution degree 3
Ratings per UL
Approvals per
UL 1059
Rated voltage UL (Use Group B)
600 V
 
Rated current UL (Use Group B)
15 A
 
Rated voltage UL (Use Group C)
600 V
 


Similar Part No. - 2000-1302

ManufacturerPart #DatasheetDescription
logo
WAGO Kontakttechnik Gmb...
2000-1301 WAGO-2000-1301 Datasheet
1,001Kb / 18P
Data sheet | Item number: 2000-1301 3-conductor through terminal block; 1 mm²; suitable for Ex e II applications; side and center marking; for DIN-rail 35 x 15 and 35 x 7.5; Push-in CAGE CLAMP®; 1,00 mm²; gray
23.11.2021
2000-1304 WAGO-2000-1304 Datasheet
878Kb / 18P
3-conductor through terminal block; 1 mm²; for Ex e II and Ex i applications; side and center marking; for DIN-rail 35 x 15 and 35 x 7.5; Push-in CAGE CLAMP®; 1,00 mm²; blue
24.11.2021
2000-1305 WAGO-2000-1305 Datasheet
867Kb / 17P
3-conductor through terminal block; 1 mm짼; suitable for Ex e II applications
24.11.2021
2000-1307 WAGO-2000-1307 Datasheet
875Kb / 16P
3-conductor ground terminal block; 1 mm²; suitable for Ex e II applications; side and center marking; for DIN-rail 35 x 15 and 35 x 7.5; Push-in CAGE CLAMP®; 1,00 mm²; green-yellow
24.11.2021
More results

Similar Description - 2000-1302

ManufacturerPart #DatasheetDescription
logo
WAGO Kontakttechnik Gmb...
2204-1404 WAGO-2204-1404 Datasheet
871Kb / 16P
4-conductor through terminal block; with push-button; 4 mm짼; with test port; suitable for Ex i applications; side and center marking; for DIN-rail 35 x 15 and 35 x 7.5; Push-in CAGE CLAMP짰; 4,00 mm짼; blue
24.11.2021
2206-1204 WAGO-2206-1204 Datasheet
819Kb / 15P
2-conductor through terminal block; with push-button; 6 mm짼; with test port; suitable for Ex i applications; side and center marking; for DIN-rail 35 x 15 and 35 x 7.5; Push-in CAGE CLAMP짰; 6,00 mm짼; blue
24.11.2021
2206-1304 WAGO-2206-1304 Datasheet
792Kb / 15P
3-conductor through terminal block; with push-button; 6 mm짼; with test port; suitable for Ex i applications; side and center marking; for DIN-rail 35 x 15 and 35 x 7.5; Push-in CAGE CLAMP짰; 6,00 mm짼; blue
24.11.2021
2210-1204 WAGO-2210-1204 Datasheet
771Kb / 15P
2-conductor through terminal block; with push-button; 10 mm짼; with test port; suitable for Ex i applications; side and center marking; for DIN-rail 35 x 15 and 35 x 7.5; Push-in CAGE CLAMP짰; 10,00 mm짼; blue
24.11.2021
2002-6301 WAGO-2002-6301 Datasheet
1Mb / 25P
3-conductor through terminal block; 2.5 mm짼; suitable for Ex e II applications; side and center marking; for DIN-rail 35 x 15 and 35 x 7.5; Pushin CAGE CLAMP짰; 2,50 mm짼; gray
23.11.2021
781-992 WAGO-781-992 Datasheet
599Kb / 17P
2-conductor through terminal block; 4 mm짼; suitable for Ex e II applications; center marking; for DIN-rail 35 x 15 and 35 x 7.5; CAGE CLAMP짰; 4,00 mm짼; light gray
29.12.2021
780-640 WAGO-780-640 Datasheet
577Kb / 17P
3-conductor shield terminal block; 2.5 mm짼; center marking; for DIN-rail 35 x 15 and 35 x 7.5; CAGE CLAMP짰; 2,50 mm짼; white
28.12.2021
780-992 WAGO-780-992 Datasheet
568Kb / 16P
2-conductor through terminal block; 2.5 mm짼; suitable for Ex e II applications; center marking; for DIN-rail 35 x 15 and 35 x 7.5; CAGE CLAMP짰; 2,50 mm짼; light gray
29.12.2021
870-831 WAGO-870-831 Datasheet
1,009Kb / 9P
4-conductor through terminal block; 2.5 mm²; side and center marking; for DIN-rail 35 x 15 and 35 x 7.5; CAGE CLAMP®; 2,50 mm²; gray
Version 28.03.2023
281-663 WAGO-281-663 Datasheet
154Kb / 17P
4-conductor through terminal block; 4 mm2; center marking;for DIN-rail 35 x 15 and 35 x 7.5; CAGE CLAMP;4,00 mm2;red
17. 10. 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com