Electronic Components Datasheet Search
  English  ▼

X  

2000-2201 Datasheet(PDF) 1 Page - WAGO Kontakttechnik GmbH & Co. KG

Part # 2000-2201
Description  Double-deck terminal block; Through/through terminal block; L/L; without marker carrier; for DIN-rail 35 x 15 and 35 x 7.5; Push-in CAGE CLAMP®; 1,00 mm²; gray
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WAGO [WAGO Kontakttechnik GmbH & Co. KG]
Direct Link  https://www.wago.com/global/
Logo WAGO - WAGO Kontakttechnik GmbH & Co. KG

2000-2201 Datasheet(HTML) 1 Page - WAGO Kontakttechnik GmbH & Co. KG

  2000-2201 Datasheet HTML 1Page - WAGO Kontakttechnik GmbH & Co. KG 2000-2201 Datasheet HTML 2Page - WAGO Kontakttechnik GmbH & Co. KG 2000-2201 Datasheet HTML 3Page - WAGO Kontakttechnik GmbH & Co. KG 2000-2201 Datasheet HTML 4Page - WAGO Kontakttechnik GmbH & Co. KG 2000-2201 Datasheet HTML 5Page - WAGO Kontakttechnik GmbH & Co. KG 2000-2201 Datasheet HTML 6Page - WAGO Kontakttechnik GmbH & Co. KG 2000-2201 Datasheet HTML 7Page - WAGO Kontakttechnik GmbH & Co. KG 2000-2201 Datasheet HTML 8Page - WAGO Kontakttechnik GmbH & Co. KG 2000-2201 Datasheet HTML 9Page - WAGO Kontakttechnik GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Data sheet | Item number: 2000-2201
Double-deck terminal block; Through/through terminal block; L/L; without
marker carrier; for DIN-rail 35 x 15 and 35 x 7.5; Push-in CAGE CLAMP®; 1,00
mm²; gray
www.wago.com/2000-2201
Subject to changes. Please also observe the further product documentation!
WAGO GmbH & Co. KG
Hansastr. 27
32423 Minden
Phone: +49571 887-0 | Fax: +49571 887-169
Email: info.de@wago.com | Web: www.wago.com
Do you have any questions about our products?
We are always happy to take your call at +49 (571) 887-44222.
23.11.2021    Page /
1 15
Color:


Similar Part No. - 2000-2201

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
2000-220-RC BOURNS-2000-220-RC Datasheet
99Kb / 1P
Low radiation High operation frequency
logo
WAGO Kontakttechnik Gmb...
2000-2202 WAGO-2000-2202 Datasheet
502Kb / 14P
Double-deck terminal block; Through/through terminal block; N/L; without marker carrier; Blue conductor entry lower deck; for DIN-rail 35 x 15 and 35 x 7.5; Push-in CAGE CLAMP®; 1,00 mm²; gray
24.11.2021
2000-2202-099-000 WAGO-2000-2202-099-000 Datasheet
496Kb / 13P
Double-deck terminal block; Through/through terminal block
24.11.2021
2000-2202/099-000 WAGO-2000-2202/099-000 Datasheet
496Kb / 13P
Double-deck terminal block; Through/through terminal block
24.11.2021
2000-2203-099-000 WAGO-2000-2203-099-000 Datasheet
491Kb / 13P
Double-deck terminal block; Through/through terminal block
24.11.2021
More results

Similar Description - 2000-2201

ManufacturerPart #DatasheetDescription
logo
WAGO Kontakttechnik Gmb...
2202-2701 WAGO-2202-2701 Datasheet
928Kb / 18P
Double-deck terminal block; with push-button; Through/through terminal block; L/L; without marker carrier; suitable for Ex e II applications; for DIN-rail 35 x 15 and 35 x 7.5; 2.5 mm짼; Push-in CAGE CLAMP짰; 2,50 mm짼; gray
24.11.2021
2002-3227 WAGO-2002-3227 Datasheet
840Kb / 21P
Triple-deck terminal block; Ground conductor/through/through terminal block; 2.5 mm짼; PE/L/L; suitable for Ex e II applications; without marker carrier; for DIN-rail 35 x 15 and 35 x 7.5; Push-in CAGE CLAMP짰; 2,50 mm짼; gray
23.11.2021
2002-3228 WAGO-2002-3228 Datasheet
815Kb / 20P
Triple-deck terminal block; Shield/through/through terminal block; 2.5 mm짼; Shielding/L/L; without marker carrier; for DIN-rail 35 x 15 and 35 x 7.5; Pushin CAGE CLAMP짰; 2,50 mm짼; gray
24.11.2021
2002-3231 WAGO-2002-3231 Datasheet
1Mb / 21P
Triple-deck terminal block; Through/through/through terminal block; L/L/L; with marker carrier; suitable for Ex e II applications; for DIN-rail 35 x 15 and 35 x 7.5; 2.5 mm짼; Push-in CAGE CLAMP짰; 2,50 mm짼; gray
23.11.2021
2002-3233 WAGO-2002-3233 Datasheet
827Kb / 20P
Triple-deck terminal block; Through/through/through terminal block; L/L/N; with marker carrier; suitable for Ex e II applications; Blue conductor entry upper deck; for DIN-rail 35 x 15 and 35 x 7.5; 2.5 mm짼; Push-in CAGE CLAMP짰; 2,50 mm짼; gray
24.11.2021
2002-3257 WAGO-2002-3257 Datasheet
834Kb / 21P
Triple-deck terminal block; Ground conductor/through/through terminal block; 2.5 mm짼; PE/L/L; suitable for Ex e II applications; with marker carrier; for DIN-rail 35 x 15 and 35 x 7.5; Push-in CAGE CLAMP짰; 2,50 mm짼; gray
23.11.2021
2002-3258 WAGO-2002-3258 Datasheet
810Kb / 20P
Triple-deck terminal block; Shield/through/through terminal block; 2.5 mm짼; Shielding/L/L; with marker carrier; for DIN-rail 35 x 15 and 35 x 7.5; Push-in CAGE CLAMP짰; 2,50 mm짼; gray
24.11.2021
2002-2661 WAGO-2002-2661 Datasheet
845Kb / 20P
Double-deck carrier terminal block; L/L; upper-deck base; for DIN-rail 35 x 15 and 35 x 7.5; 2.5 mm짼; Push-in CAGE CLAMP짰; 2,50 mm짼; gray
24.11.2021
2002-2662 WAGO-2002-2662 Datasheet
865Kb / 19P
Double-deck carrier terminal block; N/L; upper-deck base; for DIN-rail 35 x 15 and 35 x 7.5; 2.5 mm짼; Push-in CAGE CLAMP짰; 2,50 mm짼; gray
24.11.2021
2002-2667 WAGO-2002-2667 Datasheet
876Kb / 19P
Double-deck carrier terminal block; PE/L; upper-deck base; for DIN-rail 35 x 15 and 35 x 7.5; 2.5 mm짼; Push-in CAGE CLAMP짰; 2,50 mm짼; gray
24.11.2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com