Electronic Components Datasheet Search
  English  ▼

X  

AM4356N Datasheet(PDF) 1 Page - Analog Power

Part # AM4356N
Description  N-Channel 150-V (D-S) MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGPOWER [Analog Power]
Direct Link  http://www.analogpowerinc.com/index.html
Logo ANALOGPOWER - Analog Power

AM4356N Datasheet(HTML) 1 Page - Analog Power

  AM4356N Datasheet HTML 1Page - Analog Power AM4356N Datasheet HTML 2Page - Analog Power AM4356N Datasheet HTML 3Page - Analog Power AM4356N Datasheet HTML 4Page - Analog Power AM4356N Datasheet HTML 5Page - Analog Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Analog Power
AM4356N
N-Channel 150-V (D-S) MOSFET
VDS (V)
ID (A)
5.7
5.1
Symbol
Limit
Units
VDS
150
VGS
±20
TA=25°C
5.7
TA=70°C
4.8
IDM
25
IS
6.6
A
TA=25°C
3.1
TA=70°C
2.2
TJ, Tstg
-55 to 150
°C
Symbol
Maximum
Units
40
80
Notes
a.
Surface Mounted on 1” x 1” FR4 Board.
b.
Pulse width limited by maximum junction temperature
Pulsed Drain Current
b
Continuous Source Current (Diode Conduction)
a
THERMAL RESISTANCE RATINGS
°C/W
Parameter
Operating Junction and Storage Temperature Range
ABSOLUTE MAXIMUM RATINGS (TA = 25°C UNLESS OTHERWISE NOTED)
V
Parameter
Drain-Source Voltage
Maximum Junction-to-Ambient
a
Gate-Source Voltage
PRODUCT SUMMARY
150
rDS(on) (mΩ)
65 @ VGS = 10V
80 @ VGS = 6.5V
Power Dissipation
a
t <= 10 sec
Steady State
RθJA
ID
A
PD
W
Continuous Drain Current
a
Key Features:
• Low rDS(on) trench technology
• Low thermal impedance
• Fast switching speed
Typical Applications:
• PoE PSE and PD Circuits
• LED Inverter Circuits
• 48V-Input DC/DC Conversion Circuits
SO-8
© Preliminary
1
Publication Order Number:
DS_AM4356N_1A


Similar Part No. - AM4356N

ManufacturerPart #DatasheetDescription
logo
Analog Power
AM4350N ANALOGPOWER-AM4350N Datasheet
335Kb / 5P
N-Channel 150-V (D-S) MOSFET
AM4352N ANALOGPOWER-AM4352N Datasheet
417Kb / 5P
N-Channel 150-V (D-S) MOSFET
AM4354N ANALOGPOWER-AM4354N Datasheet
163Kb / 2P
N-Channel 150-V (D-S) MOSFET
More results

Similar Description - AM4356N

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI4488DY VISHAY-SI4488DY Datasheet
45Kb / 5P
N-Channel 150-V (D-S) MOSFET
26-May-03
SI7898DP VISHAY-SI7898DP_06 Datasheet
198Kb / 4P
N-Channel 150-V (D-S) MOSFET
20-Feb-06
logo
Analog Power
AM70N15-40P ANALOGPOWER-AM70N15-40P Datasheet
123Kb / 3P
N-Channel 150-V (D-S) MOSFET
AM90N15-20P ANALOGPOWER-AM90N15-20P Datasheet
123Kb / 3P
N-Channel 150-V (D-S) MOSFET
logo
Vishay Siliconix
SI7846DP-T1-GE3 VISHAY-SI7846DP-T1-GE3 Datasheet
148Kb / 8P
N-Channel 150-V (D-S) MOSFET
06-Apr-09
logo
Analog Power
AM20N15-250B ANALOGPOWER-AM20N15-250B Datasheet
369Kb / 5P
N-Channel 150-V (D-S) MOSFET
AM90N15-16B ANALOGPOWER-AM90N15-16B Datasheet
332Kb / 5P
N-Channel 150-V (D-S) MOSFET
logo
Vishay Siliconix
SIR622DP VISHAY-SIR622DP Datasheet
422Kb / 13P
N-Channel 150 V (D-S) MOSFET
23-May-16
SIR838DP VISHAY-SIR838DP Datasheet
118Kb / 7P
N-Channel 150 V (D-S) MOSFET
30-Sep-13
logo
VBsemi Electronics Co.,...
UF5N15ZL-TN3-T VBSEMI-UF5N15ZL-TN3-T Datasheet
1,004Kb / 9P
N-Channel 150 V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com