Electronic Components Datasheet Search
  English  ▼

X  

AM4513C Datasheet(PDF) 7 Page - Analog Power

Part # AM4513C
Description  N & P-Channel 100-V (D-S) MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGPOWER [Analog Power]
Direct Link  http://www.analogpowerinc.com/index.html
Logo ANALOGPOWER - Analog Power

AM4513C Datasheet(HTML) 7 Page - Analog Power

  AM4513C Datasheet HTML 1Page - Analog Power AM4513C Datasheet HTML 2Page - Analog Power AM4513C Datasheet HTML 3Page - Analog Power AM4513C Datasheet HTML 4Page - Analog Power AM4513C Datasheet HTML 5Page - Analog Power AM4513C Datasheet HTML 6Page - Analog Power AM4513C Datasheet HTML 7Page - Analog Power  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Analog Power
AM4513C
Package Information
Note:
1.
All Dimension Are In mm.
2.
Package Body Sizes Exclude Mold Flash, Protrusion Or Gate Burrs. Mold Flash, Protrusion Or Gate Burrs Shall Not Exceed
0.10 mm Per Side.
3.
Package Body Sizes Determined At The Outermost Extremes Of The Plastic Body Exclusive Of Mold Flash, Tie Bar Burrs,
Gate Burrs And Interlead Flash, But Including Any Mismatch Between The Top And Bottom Of The Plastic Body.
4.
The Package Top May Be Smaller Than The Package Bottom.
5.
Dimension "B" Does Not Include Dambar Protrusion. Allowable Dambar Protrusion Shall Be 0.08 mm Total In Excess Of "B"
Dimension At Maximum Material Condition. The Dambar Cannot Be Located On The Lower Radius Of The Foot.
© Preliminary
7
Publication Order Number:
DS_AM4513C_1A



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com