Electronic Components Datasheet Search
  English  ▼

X  

CD74HC221 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # CD74HC221
Description  High-Speed CMOS Logic Dual Monostable Multivibrator with Reset
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74HC221 Datasheet(HTML) 6 Page - Texas Instruments

Back Button CD74HC221 Datasheet HTML 2Page - Texas Instruments CD74HC221 Datasheet HTML 3Page - Texas Instruments CD74HC221 Datasheet HTML 4Page - Texas Instruments CD74HC221 Datasheet HTML 5Page - Texas Instruments CD74HC221 Datasheet HTML 6Page - Texas Instruments CD74HC221 Datasheet HTML 7Page - Texas Instruments CD74HC221 Datasheet HTML 8Page - Texas Instruments CD74HC221 Datasheet HTML 9Page - Texas Instruments CD74HC221 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
6
Input Pulse Width
Reset
tWL
2
70-
-90-
105
-
ns
4.5
14
-
-
18
-
21
-
ns
6
12-
-15-18
-
ns
Recovery Time
R to A or B
tSU
2
0
-
-
0-0-
ns
4.5
0-
-0-0-
ns
6
0
-
-
0-0-
ns
Output Pulse Width Q or Q
CX = 0.1µF RX = 10kΩ
tW
5
630
-
770
602
798
595
805
µs
Output Pulse Width Q or Q
CX = 28pF, RX = 2kΩ
tW
4.5
-
140
-----
ns
CX = 1000pF, RX = 2kΩ
tW
4.5
-
1.5
-----
µs
CX = 1000pF, RX = 10kΩ
tW
4.5
-
7
-----
µs
HCT TYPES
Input Pulse Width
A
tWL
4.5
14
-
-
18
-
21
-
ns
Input Pulse Width
B
tWH
4.5
14
-
-
18
-
21
-
ns
Input Pulse Width
Reset
tWL
4.5
18
-
-
23
-
27
-
ns
Recovery Time
R to A or B
tSU
4.5
0-
-0-0-
ns
Output Pulse Width Q or Q
CX = 0.1µF RX = 10kΩ
tW
5
630
-
770
602
798
595
805
µs
Output Pulse Width Q or Q
CX = 28pF, RX = 2kΩ
tW
4.5
-
140
-----
ns
CX = 1000pF, RX = 2kΩ
tW
4.5
-
1.5
-----
µs
CX = 1000pF, RX = 10kΩ
tW
4.5
-
7
-----
µs
Switching Specifications Input tr, tf = 6ns
PARAMETER
SYMBOL
TEST
CONDITIONS
VCC (V)
25oC
-40oC TO
85oC
-55oC TO
125oC
UNITS
MIN
TYP
MAX
MIN
MAX
MIN
MAX
HC TYPES
Propagation Delay,
Trigger A, B, R to Q
tPLH
CL = 50pF
2
-
-
210
-
265
-
315
ns
CL = 50pF
4.5
-
-
42
-
53
-
63
ns
CL = 50pF
6
-
-
36
-
45
-
54
ns
CL = 15pF
5
-
18
-
-
-
-
-
ns
Propagation Delay,
Trigger A, B, R to Q
tPHL
CL = 50pF
2
-
-
170
-
215
-
255
ns
CL = 50pF
4.5
-
-
34
-
43
-
51
ns
CL = 50pF
6
-
-
29
-
37
-
43
ns
CL = 15pF
5
-
14
-
-
-
-
-
ns
Prerequisite For Switching Function
(Continued)
PARAMETER
SYMBOL
VCC (V)
25oC
-40oC TO 85oC
-55oC TO 125oC
UNITS
MIN
TYP
MAX
MIN
MAX
MIN
MAX
CD54HC221, CD74HC221, CD74HCT221



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com