Electronic Components Datasheet Search
  English  ▼

X  

2DK31 Datasheet(PDF) 1 Page - Apex Electronics Co., Ltd

Part # 2DK31
Description  Slim metal rotary encoder, 11mm diameter, SMD or thru-hole
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX-ELECTRONICS [Apex Electronics Co., Ltd]
Direct Link  https://apex-electronics.com/index.php
Logo APEX-ELECTRONICS - Apex Electronics Co., Ltd

2DK31 Datasheet(HTML) 1 Page - Apex Electronics Co., Ltd

  2DK31 Datasheet HTML 1Page - Apex Electronics Co., Ltd 2DK31 Datasheet HTML 2Page - Apex Electronics Co., Ltd 2DK31 Datasheet HTML 3Page - Apex Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2018 APEX Electronics Ltd. All rights reserved.
www.apex-electronics.com
SRE11S Series
Slim metal rotary encoder, 11mm diameter, SMD or thru-hole
01
Features
Durable metal shaft & bushing
Slim 4.5mm body thickness
Low-noise design for 120RPM max.
Momentary switch available
Excellent detent feel
Custom options available
Applications
Panel control with continuous rotation. Popular for applications in
terms of audio, video, medical, industrial, or home appliance.
Encoder Specification
Switch Specification
How to order
SRE11S
Series
PPR
Mounting
VT Thru-hole
VS SMD
15 15 Pulse
Detent
1 No detent
2 With detent
Bushing, Shaft, Momentary Switch
Pulse Number of
detent
Phase difference
(msec)
Chattering
(msec)
Sliding noise
(msec)
Insulation
resistance
Dielectric
strength
Detent torque
(gf cm)
Rotational
life (cycle)
0
15
30
4
2
2
250V DC
100M MIN
300V AC
1 min
100±70
15,000
Rating
Contact
resistance
Insulation
resistance
Dielectric
strength
Contact
arrangement
Travel of
switch (mm)
Operating
force (gf)
Operating
life(cycle)
0.5
350±100
DC 5V
10 mA
100 m
250V DC
100M MIN
300V AC
1 min
PUSH ON
1.5
400±200
20,000
Please refer to page 2 & 3


Similar Description - 2DK31

ManufacturerPart #DatasheetDescription
logo
Premier Magnetics, Inc.
PM-DSL10 PMI-PM-DSL10 Datasheet
302Kb / 12P
DSL LINE ISOLATION TRANSFORMERS THRU HOLE OR SMD
logo
HOKURIKU ELECTRIC INDUS...
ES11MH227S2 HOKURIKU-ES11MH227S2 Datasheet
128Kb / 1P
Metal Shaft Encoder 11mm Size Type
logo
ALPS ELECTRIC CO.,LTD.
EC11B15244 ALPS-EC11B15244 Datasheet
543Kb / 9P
11mm size tow-profile rotary encoder (incremental type) for microscopic current circuits
logo
Bi technologies
EN11 BITECH-EN11_12 Datasheet
133Kb / 4P
11mm Rotary Encoder
P110KV BITECH-P110KV_12 Datasheet
92Kb / 5P
11mm Rotary Potentiometer
logo
Omron Electronics LLC
E6C2CWZ3E-100PR2M OMRON-E6C2CWZ3E-100PR2M Datasheet
322Kb / 5P
Slim Incremental 50-mm-dia. Rotary Encoder
E6C2-CWZ6C OMRON-E6C2-CWZ6C Datasheet
322Kb / 5P
Slim Incremental 50-mm-dia. Rotary Encoder
logo
Bi technologies
EN11 BITECH-EN11_15 Datasheet
125Kb / 4P
11mm Rotary Encoder
logo
Tyco Electronics
DP11 MACOM-DP11 Datasheet
243Kb / 3P
11mm Rotary Encoder
logo
TT Electronics.
EN12 TTELEC-EN12 Datasheet
587Kb / 3P
Rotary Encoder
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com